Electronic Components Datasheet Search
  English  ▼

X  

MAX6872 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6872
Description  EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6872 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6872 Datasheet HTML 9Page - Maxim Integrated Products MAX6872 Datasheet HTML 10Page - Maxim Integrated Products MAX6872 Datasheet HTML 11Page - Maxim Integrated Products MAX6872 Datasheet HTML 12Page - Maxim Integrated Products MAX6872 Datasheet HTML 13Page - Maxim Integrated Products MAX6872 Datasheet HTML 14Page - Maxim Integrated Products MAX6872 Datasheet HTML 15Page - Maxim Integrated Products MAX6872 Datasheet HTML 16Page - Maxim Integrated Products MAX6872 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
EEPROM-Programmable, Hex/Quad,
Power-Supply Sequencers/Supervisors
______________________________________________________________________________________
13
Table 1. Programmable Features
FEATURE
DESCRIPTION
High-Voltage Input
(IN1)
• Primary undervoltage threshold
• Secondary overvoltage or undervoltage threshold
• +2.5V to +13.2V threshold in 50mV increments
• +1.25V to +7.625V threshold in 25mV increments
Bipolar-Voltage Input
(IN2)
• Primary undervoltage threshold
• Secondary overvoltage or undervoltage threshold
• ±2.5V to ±15.25V threshold in 50mV increments
• ±1.25V to ±7.625V threshold in 25mV increments
Positive-Voltage Input
IN3–IN6 (MAX6872),
IN3–IN4 (MAX6873)
• Primary undervoltage threshold
• Secondary overvoltage or undervoltage threshold
• +1V to +5.5V threshold in 20mV increments
• +0.5V to +3.05V threshold in 10mV increments
Programmable Outputs
PO1–PO4 (MAX6872),
PO1–PO2 (MAX6873)
• Active high or active low
• Open-drain, weak pullup, or charge-pump output
• Weak pullup to IN3–IN6 (IN3 or IN4 for MAX6873) or ABP
• Dependent on MR, MARGIN, IN_, GPI1–GPI4 , WD1 and WD2, and/or PO_
• Programmable timeout periods of 25µs, 1.5625ms, 6.25ms, 25ms, 50ms, 200ms, 400ms, or 1.6s
Programmable Outputs
PO5–PO8 (MAX6872),
PO3–PO5 (MAX6873)
• Active high or active low
• Open-drain, weak pullup, or push-pull output
• Weak pullup to IN3–IN6 (IN3 or IN4 for MAX6873) or ABP
• Push-pull to IN3–IN6 (IN3 or IN4 for MAX6873)
• Dependent on MR, MARGIN, IN_, GPI1–GPI4 , WD1 and WD2, and/or PO_
• Programmable timeout periods of 25µs, 1.5625ms, 6.25ms, 25ms, 50ms, 200ms, 400ms, or 1.6s
General-Purpose Logic
Inputs (GPI1–GPI4)
• Active high or active low logic levels
• Configure GPI_ as inputs to watchdog timers or programmable output stages
Watchdog Timers
• Clear dependent on any combination of one GPI_ input and one programmable output, a GPI_ input
only, or a programmable output only
• Initial watchdog timeout period of 6.25ms, 25ms, 100ms, 400ms, 1.6s, 6.4s, 25.6s, or 102.4s
• Normal watchdog timeout period of 6.25ms, 25ms, 100ms, 400ms, 1.6s, 6.4s, 25.6s, or 102.4s
• Watchdog enable/disable
• Initial watchdog timeout period enable/disable
Manual Reset Input
(MR)
• Forces PO_ into the active output state when MR = GND
• PO_ deassert after MR releases high and the PO_ timeout period expires
• PO_ cannot be a function of MR only
Margining Input
(MARGIN)
• Holds PO_ in existing state or asserts PO_ to a programmed output state, independent of changes in
monitored inputs or watchdog timers, when MARGIN = GND
• Overrides MR when both assert at the same time
Write Disable
• Locks user EEPROM based on PO_
Configuration Lock
• Locks configuration EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com