Electronic Components Datasheet Search
  English  ▼

X  

MAX6872 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6872
Description  EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6872 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6872 Datasheet HTML 1Page - Maxim Integrated Products MAX6872 Datasheet HTML 2Page - Maxim Integrated Products MAX6872 Datasheet HTML 3Page - Maxim Integrated Products MAX6872 Datasheet HTML 4Page - Maxim Integrated Products MAX6872 Datasheet HTML 5Page - Maxim Integrated Products MAX6872 Datasheet HTML 6Page - Maxim Integrated Products MAX6872 Datasheet HTML 7Page - Maxim Integrated Products MAX6872 Datasheet HTML 8Page - Maxim Integrated Products MAX6872 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
EEPROM-Programmable, Hex/Quad,
Power-Supply Sequencers/Supervisors
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN1 = +6.5V to +13.2V, VIN2 = +10V, VIN3–VIN6 = +2.7V to +5.5V, GPI_ = GND, MARGIN = MR = DBP, TA = -40°C to +85°C, unless
otherwise noted. Typical values are at TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
IN3–IN6, ABP, SDA, SCL, A0, A1,
GPI1–GPI4, MR, MARGIN, PO5–PO8
(MAX6872), PO3–PO5 (MAX6873)...................-0.3V to +6V
IN1, PO1–PO4 (MAX6872), PO1–PO2 (MAX6873) ...-0.3V to +14V
IN2 ...........................................................................-20V to +20V
DBP ..........................................................................-0.3V to +3V
Input/Output Current (all pins)..........................................±20mA
Continuous Power Dissipation (TA = +70°C)
32-Pin 7mm x 7mm Thin QFN
(derate 33.3mW/°C above +70°C) .............................2667mW
Operating Temperature Range ...........................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VIN1
Voltage on IN1 to ensure the device is fully
operational, IN3–IN6 = GND
4.0
13.2
Operating Voltage Range
(Note 3)
VIN3 to
VIN6
Voltage on any one of IN3–IN6 to ensure the
device is fully operational, IN1 = GND
2.7
5.5
V
IN1 Supply Voltage
(Note 3)
VIN1P
Minimum voltage on IN1 to guarantee that the
device is powered through IN1
6.5
V
Undervoltage Lockout
VUVLO
Minimum voltage on one of IN3–IN6 to
guarantee the device is EEPROM configured.
2.5
V
VIN1 = +13.2V, IN2–IN6 = GND, no load
1.2
1.5
mA
Supply Current
ICC
Writing to configuration registers or EEPROM,
no load
1.3
2
mA
VIN1 (50mV increments)
2.5
13.2
VIN1 (25mV increments)
1.250
7.625
VIN2 (50mV increments)
±2.50
±15.25
VIN2 (25mV increments)
±1.250
±7.625
VIN3–VIN6 (20mV increments)
1.0
5.5
Threshold Range
VTH
VIN3–VIN6 (10mV increments)
0.50
3.05
V
TA = +25°C
-1.0
+1.0
IN1–IN6 positive,
VIN_ falling
TA = -40°C to +85°C
-1.5
+1.5
TA = +25°C
-1.5
+1.5
-15.25V
≤ VIN2 ≤ -5V,
VIN2 falling
TA = -40°C to +85°C
-2
+2
%
TA = +25°C
-75
+75
Threshold Accuracy
-5V
≤ VIN2 ≤ 0, VIN2
falling
TA = -40°C to +85°C
-100
+100
mV
Threshold Hysteresis
VTH-HYST
0.3
% VTH
Reset Threshold Temperature
Coefficient
∆VTH/°C
10
ppm/
°C
Threshold-Voltage Differential
Nonlinearity
VTH DNL
-1
+1
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com