Electronic Components Datasheet Search
  English  ▼

X  

MAX6872 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX6872
Description  EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6872 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX6872 Datasheet HTML 35Page - Maxim Integrated Products MAX6872 Datasheet HTML 36Page - Maxim Integrated Products MAX6872 Datasheet HTML 37Page - Maxim Integrated Products MAX6872 Datasheet HTML 38Page - Maxim Integrated Products MAX6872 Datasheet HTML 39Page - Maxim Integrated Products MAX6872 Datasheet HTML 40Page - Maxim Integrated Products MAX6872 Datasheet HTML 41Page - Maxim Integrated Products MAX6872 Datasheet HTML 42Page - Maxim Integrated Products MAX6872 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
EEPROM-Programmable, Hex/Quad,
Power-Supply Sequencers/Supervisors
______________________________________________________________________________________
39
Table 24. Register Map (continued)
REGISTER
ADDRESS
EEPROM
MEMORY
ADDRESS
READ/
WRITE
DESCRIPTION
2Dh
802Dh
R/W
PO6 (MAX6872)/PO4 (MAX6873) input selection—Product 1 (Table 16)
2Eh
802Eh
R/W
PO6 (MAX6872)/PO4 (MAX6873) input selection—Product 2 (Table 17)
2Fh
802Fh
R/W
PO6 (MAX6872)/PO4 (MAX6873) input selection—Product 2 (Table 17)
30h
8030h
R/W
PO6 (MAX6872)/PO4 (MAX6873) input selection—Product 2 (Table 17)
31h
8031h
R/W
PO6 (MAX6872)/PO4 (MAX6873) input selection—Products 1 and 2, PO_ timeout period,
and output type selection (Tables 16, 21, 22, and 23)
32h
8032h
R/W
PO7 (MAX6872)/PO5 (MAX6873) input selection (Table 18)
33h
8033h
R/W
PO7 (MAX6872)/PO5 (MAX6873) input selection (Table 18)
34h
8034h
R/W
PO7 (MAX6872)/PO5 (MAX6873) input selection (Table 18)
35h
8035h
R/W
PO7 (MAX6872)/PO5 (MAX6873) input selection, PO_ timeout period, and output type
selection (Tables 18, 21, 22, and 23)
36h
8036h
R/W
PO8 (MAX6872 only) input selection (Table 19)
37h
8037h
R/W
PO8 (MAX6872 only) input selection (Table 19)
38h
8038h
R/W
PO8 (MAX6872 only) input selection (Table 19)
39h
8039h
R/W
PO8 (MAX6872 only) input selection, PO_ timeout period, and output type selection
(Tables 19, 21, 22, and 23)
3Ah
803Ah
R/W
Programmable output polarity (active high/active low) (Table 20)
3Bh
803Bh
R/W
GPI_ input polarity, PO5, PO6 (Tables 5, 15, and 17)
3Ch
803Ch
R/W
WD1 input selection and timeout enable (Table 25)
3Dh
803Dh
R/W
WD1 initial and normal timeout duration (Table 26)
3Eh
803Eh
R/W
WD2 input selection and timeout enable (Table 25)
3Fh
803Fh
R/W
WD2 initial and normal timeout duration (Table 26)
40h
8040h
R/W
MR input and programmable output behavior (Table 6)
41h
8041h
R/W
MARGIN and programmable output behavior (Table 7)
42h
8042h
R/W
Programmable output state with MARGIN assertion (Table 7)
43h
8043h
R/W
User EEPROM write disable (Table 29)
44h
8044h
R/W
Set to 0
45h
8045h
R/W
Configuration lock (Table 28)
46h
8046h
—
Reserved. Should not be overwritten.
47h
8047h
—
Reserved. Should not be overwritten.
48h
8048h
—
Reserved. Should not be overwritten.
49h
8049h
—
Reserved. Should not be overwritten.
4Ah
804Ah
—
Reserved. Should not be overwritten.
4Bh
804Bh
—
Reserved. Should not be overwritten.
4Ch
804Ch
—
Reserved. Should not be overwritten.
4Dh
804Dh
—
Reserved. Should not be overwritten.
4Eh
804Eh
—
Reserved. Should not be overwritten.
4Fh
804Fh
—
Reserved. Should not be overwritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com