Electronic Components Datasheet Search
  English  ▼

X  

MAX6872 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6872
Description  EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6872 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6872 Datasheet HTML 2Page - Maxim Integrated Products MAX6872 Datasheet HTML 3Page - Maxim Integrated Products MAX6872 Datasheet HTML 4Page - Maxim Integrated Products MAX6872 Datasheet HTML 5Page - Maxim Integrated Products MAX6872 Datasheet HTML 6Page - Maxim Integrated Products MAX6872 Datasheet HTML 7Page - Maxim Integrated Products MAX6872 Datasheet HTML 8Page - Maxim Integrated Products MAX6872 Datasheet HTML 9Page - Maxim Integrated Products MAX6872 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
EEPROM-Programmable, Hex/Quad,
Power-Supply Sequencers/Supervisors
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VIN1 = +6.5V to +13.2V, VIN2 = +10V, VIN3–VIN6 = +2.7V to +5.5V, GPI_ = GND, MARGIN = MR = DBP, TA = +25°C, unless other-
wise noted.)
SUPPLY CURRENT
vs. SUPPLY VOLTAGE (IN1)
SUPPLY VOLTAGE (V)
12.5
11.5
10.5
9.5
8.5
7.5
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.8
6.5
13.5
TA = +85
°C
TA = +25
°C
TA = -40
°C
SUPPLY CURRENT
vs. SUPPLY VOLTAGE (IN3–IN6)
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.8
2.5
5.5
TA = +25
°C
TA = +85
°C
TA = -40
°C
NORMALIZED PO_ TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
0.97
0.98
0.99
1.00
1.02
1.01
1.03
1.04
0.96
-40
85
IN_ TO PO_
PROPAGATION DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
12
14
16
18
20
22
24
26
28
30
10
-40
85
100mV OVERDRIVE
NORMALIZED WATCHDOG TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
0.985
0.990
0.995
1.000
1.010
1.005
1.015
1.020
0.980
-40
85
NORMALIZED IN_ THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.992
0.994
0.996
0.998
1.000
1.002
1.004
1.006
1.008
1.010
0.990
-40
85
IN3 THRESHOLD = 1V,
20mV/STEP RANGE
MAXIMUM IN_ TRANSIENT DURATION
vs. IN_ THRESHOLD OVERDRIVE
IN_ THRESHOLD OVERDRIVE (mV)
100
10
10
20
30
40
50
60
70
80
90
100
110
120
130
0
1
1000
PO_ ASSERTION
OCCURS ABOVE THIS LINE
OUTPUT VOLTAGE LOW
vs. SINK CURRENT
ISINK (mA)
13
12
10 11
3 4 5 6 789
1 2
50
100
150
200
250
300
350
400
450
0
014 15
OPEN-DRAIN, CHARGE
PUMP, OR WEAK PULLUP
PO1–PO4 (MAX6872)
PO1–PO2 (MAX6873)
PUSH-PULL
PO5–PO8 (MAX6872)
PO3–PO5 (MAX6873)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com