Electronic Components Datasheet Search
  English  ▼

X  

ADUM3472ARSZ Datasheet(PDF) 32 Page - Analog Devices

Part # ADUM3472ARSZ
Description  PWM Controller and Transformer Driver with Quad-Channel Isolators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3472ARSZ Datasheet(HTML) 32 Page - Analog Devices

Back Button ADUM3472ARSZ Datasheet HTML 24Page - Analog Devices ADUM3472ARSZ Datasheet HTML 25Page - Analog Devices ADUM3472ARSZ Datasheet HTML 26Page - Analog Devices ADUM3472ARSZ Datasheet HTML 27Page - Analog Devices ADUM3472ARSZ Datasheet HTML 28Page - Analog Devices ADUM3472ARSZ Datasheet HTML 29Page - Analog Devices ADUM3472ARSZ Datasheet HTML 30Page - Analog Devices ADUM3472ARSZ Datasheet HTML 31Page - Analog Devices ADUM3472ARSZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
ADuM3470/ADuM3471/ADuM3472/ADuM3473/ADuM3474
Rev. 0 | Page 32 of 32
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-150-AE
20
11
10
1
7.50
7.20
6.90
8.20
7.80
7.40
5.60
5.30
5.00
SEATING
PLANE
0.05 MIN
0.65 BSC
2.00 MAX
0.38
0.22
COPLANARITY
0.10
1.85
1.75
1.65
0.25
0.09
0.95
0.75
0.55
8°
4°
0°
Figure 49. 20-Lead Shrink Small Outline Package [SSOP]
(RS-20)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Number
of Inputs,
VCC Side
Number
of Inputs,
VISO Side
Maximum
Data Rate
(Mbps)
Maximum
Propagation
Delay, 5 V (ns)
Maximum
Pulse Width
Distortion (ns)
Temperature
Range (°C)
Package
Description
Package
Option
ADuM3470ARSZ
4
0
1
100
40
−40 to +105
20-Lead SSOP
RS-20
ADuM3470CRSZ
4
0
25
60
6
−40 to +105
20-Lead SSOP
RS-20
ADuM3471ARSZ
3
1
1
100
40
−40 to +105
20-Lead SSOP
RS-20
ADuM3471CRSZ
3
1
25
60
6
−40 to +105
20-Lead SSOP
RS-20
ADuM3472ARSZ
2
2
1
100
40
−40 to +105
20-Lead SSOP
RS-20
ADuM3472CRSZ
2
2
25
60
6
−40 to +105
20-Lead SSOP
RS-20
ADuM3473ARSZ
1
3
1
100
40
−40 to +105
20-Lead SSOP
RS-20
ADuM3473CRSZ
1
3
25
60
6
−40 to +105
20-Lead SSOP
RS-20
ADuM3474ARSZ
0
4
1
100
40
−40 to +105
20-Lead SSOP
RS-20
ADuM3474CRSZ
0
4
25
60
6
−40 to +105
20-Lead SSOP
RS-20
1 Tape and reel are available. The addition of an RL7 suffix designates a 7” (500 units) tape and reel option.
2 Z = RoHS Compliant Part.
©2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D09369-0-10/10(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com