Electronic Components Datasheet Search
  English  ▼

X  

ADUM3472ARSZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADUM3472ARSZ
Description  PWM Controller and Transformer Driver with Quad-Channel Isolators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3472ARSZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADUM3472ARSZ Datasheet HTML 16Page - Analog Devices ADUM3472ARSZ Datasheet HTML 17Page - Analog Devices ADUM3472ARSZ Datasheet HTML 18Page - Analog Devices ADUM3472ARSZ Datasheet HTML 19Page - Analog Devices ADUM3472ARSZ Datasheet HTML 20Page - Analog Devices ADUM3472ARSZ Datasheet HTML 21Page - Analog Devices ADUM3472ARSZ Datasheet HTML 22Page - Analog Devices ADUM3472ARSZ Datasheet HTML 23Page - Analog Devices ADUM3472ARSZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADuM3470/ADuM3471/ADuM3472/ADuM3473/ADuM3474
Rev. 0 | Page 20 of 32
80
70
60
50
40
30
20
10
0
0
140
90 100 110 120 130
80
70
60
50
40
30
20
10
LOAD CURRENT (mA)
1MHz
700kHz
500kHz
200kHz
Figure 15. 5 V In to 15 V Out Efficiency at Various Switching Frequencies with
Halo Transformer
80
70
60
50
40
30
20
10
0
0
140
90 100 110 120 130
80
70
60
50
40
30
20
10
LOAD CURRENT (mA)
–40°C
25°C
105°C
Figure 16. 5 V In to 15 V Out Efficiency over Temperature with Coilcraft
Transformer at 500 kHz fSW
80
70
60
50
40
30
20
10
0
0
140
90 100 110 120 130
80
70
60
50
40
30
20
10
LOAD CURRENT (mA)
5V IN TO 15V OUT
5V IN TO 12V OUT
Figure 17. Double-Supply Efficiency with Coilcraft Transformer at 500 kHz fSW
15
10
5
0
02
20
15
10
5
DATA RATE (Mbps)
5
VCC = 5V, VISO = 5V
VCC = 5V, VISO = 3.3V
VCC = 3.3V, VISO = 3.3V
Figure 18. Typical Single-Supply ICH Supply Current per Forward Data
Channel (15 pF Output Load)
15
10
5
0
02
20
15
10
5
DATA RATE (Mbps)
5
VCC = 5V, VISO = 5V
VCC = 5V, VISO = 3.3V
VCC = 3.3V, VISO = 3.3V
Figure 19. Typical Single-Supply ICH Supply Current per Reverse Data Channel
(15 pF Output Load)
5
4
3
2
1
0
02
20
15
10
5
DATA RATE (Mbps)
5
VCC = 5V, VISO = 5V
VCC = 5V, VISO = 3.3V
VCC = 3.3V, VISO = 3.3V
Figure 20. Typical Single-Supply IISO (D) Dynamic Supply Current per Output
Channel (15 pF Output Load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com