Electronic Components Datasheet Search
  English  ▼

X  

ADUM3472ARSZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADUM3472ARSZ
Description  PWM Controller and Transformer Driver with Quad-Channel Isolators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3472ARSZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADUM3472ARSZ Datasheet HTML 12Page - Analog Devices ADUM3472ARSZ Datasheet HTML 13Page - Analog Devices ADUM3472ARSZ Datasheet HTML 14Page - Analog Devices ADUM3472ARSZ Datasheet HTML 15Page - Analog Devices ADUM3472ARSZ Datasheet HTML 16Page - Analog Devices ADUM3472ARSZ Datasheet HTML 17Page - Analog Devices ADUM3472ARSZ Datasheet HTML 18Page - Analog Devices ADUM3472ARSZ Datasheet HTML 19Page - Analog Devices ADUM3472ARSZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADuM3470/ADuM3471/ADuM3472/ADuM3473/ADuM3474
Rev. 0 | Page 16 of 32
X1
1
*GND1 2
VDD1 3
X2
4
VREG
20
GND2*
19
VDD2
18
FB
17
VIA 5
VIB 6
VOC 7
VOA
16
VOB
15
VIC
14
VOD 8
VID
13
VDDA 9
OC
12
*GND1 10
GND2*
11
ADuM3472
TOP VIEW
(Not to Scale)
*PIN 2 AND PIN 10 ARE INTERNALLY CONNECTED,
AND CONNECTING BOTH TO GND1 IS
RECOMMENDED. PIN 11 AND PIN 19 ARE
INTERNALLY CONNECTED, AND CONNECTING
BOTH TO GND2 IS RECOMMENDED.
Figure 6. AD
uM3472 Pin Configuration
Table 14. ADuM3472 Pin Function Descriptions
Pin No. Mnemonic Description
1
X1
Transformer Driver Output 1.
2, 10
GND1
Ground 1. Ground reference for isolator primary.
3
VDD1
Transformer Driver Supply Voltage 3.0 V to 5.5 V. Connect to VDDA pin. Connect a 10 μF bypass capacitor from VDD1 to
GND1.
4
X2
Transformer Driver Output 2.
5
VIA
Logic Input A.
6
VIB
Logic Input B.
7
VOC
Logic Output C.
8
VOD
Logic Output D.
9
VDDA
Primary Supply Voltage 3.0 V to 5.5 V. Connect to VDD1 pin. Connect a 0.1 μF bypass capacitor from VDDA to GND1.
11, 19
GND2
Ground Reference for Isolator Side 2.
12
OC
Oscillator Control pin. When OC = logic high = VDD2, the secondary controller runs open-loop. To regulate the output
voltage, connect a resistor between the OC pin and GND2, and the secondary controller runs at a frequency of 200 kHz
to 1 MHz, as programmed by the resistor value.
13
VID
Logic Input D.
14
VIC
Logic Input C.
15
VOB
Logic Output B.
16
VOA
Logic Output A.
17
FB
Feedback Input from the Secondary Output Voltage VISO. Use a resistor divider from VISO to the FB pin to make the VFB
voltage equal to the 1.25 V internal reference level using the VISO = VFB × (R1 + R2)/R2 formula. The resistor divider is
required even in open-loop mode to provide soft start.
18
VDD2
The Internal Supply Voltage Pin for the Secondary Side Controller and Side 2 Data Channels. When a sufficient external
voltage is supplied to VREG, the internal regulator regulates the VDD2 pin to 5.0 V. Otherwise, VDD2 should be in the 3.0 V
to 5.5 V range. Connect a 0.1 μF bypass capacitor from VDD2 to GND2.
20
VREG
The Input of an Internal Regulator to Power the Secondary Side Controller and Side 2 Data Channels. VREG should be in
the 5.5 V to 15 V range to regulate the VDD2 output to 5.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com