Electronic Components Datasheet Search
  English  ▼

X  

ADUM3472ARSZ Datasheet(PDF) 27 Page - Analog Devices

Part # ADUM3472ARSZ
Description  PWM Controller and Transformer Driver with Quad-Channel Isolators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3472ARSZ Datasheet(HTML) 27 Page - Analog Devices

Back Button ADUM3472ARSZ Datasheet HTML 23Page - Analog Devices ADUM3472ARSZ Datasheet HTML 24Page - Analog Devices ADUM3472ARSZ Datasheet HTML 25Page - Analog Devices ADUM3472ARSZ Datasheet HTML 26Page - Analog Devices ADUM3472ARSZ Datasheet HTML 27Page - Analog Devices ADUM3472ARSZ Datasheet HTML 28Page - Analog Devices ADUM3472ARSZ Datasheet HTML 29Page - Analog Devices ADUM3472ARSZ Datasheet HTML 30Page - Analog Devices ADUM3472ARSZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
ADuM3470/ADuM3471/ADuM3472/ADuM3473/ADuM3474
Rev. 0 | Page 27 of 32
Table 18. Transformer Reference Designs
Part No.
Manufacturer
Turns Ratio,
PRI:SEC
ET Constant
(V × μs Min)
Total Primary
Inductance (μH)
Total Primary
Resistance (Ω)
Isolation
Voltage (rms)
Isolation
Type
Reference
JA4631-BL
Coilcraft
1CT:2CT
18
255
0.2
2500
Basic
Figure 38
JA4650-BL
Coilcraft
1CT:3CT
18
255
0.2
2500
Basic
Figure 39
KA4976-AL
Coilcraft
1CT:5CT
18
255
0.2
2500
Basic
Figure 40
TGSAD-260V6LF
Halo Electronics
1CT:2CT
14
389
0.8
2500
Supplemental
Figure 38
TGSAD-290V6LF
Halo Electronics
1CT:3CT
14
389
0.8
2500
Supplemental
Figure 39
TGSAD-292V6LF
Halo Electronics
1CT:5CT
14
389
0.8
2500
Supplemental
Figure 40
TGAD-260NARL
Halo Electronics
1CT:2CT
14
389
0.8
1500
Functional
Figure 38
TGAD-290NARL
Halo Electronics
1CT:3CT
14
389
0.8
1500
Functional
Figure 39
TGAD-292NARL
Halo Electronics
1CT:5CT
14
389
0.8
1500
Functional
Figure 40
TRANSFORMER ISOLATION VOLTAGE
Isolation voltage and isolation type should be determined for
the requirements of the application and then specified. The
transformers in Table 18 have been specified for 2500 V rms
for supplemental or basic isolation and for 1500 V rms functional
isolation. Other isolation levels and isolation voltages can be
specified and requested from the manufacturers in Table 18
or from other manufacturers.
SWITCHING FREQUENCY
The ADuM347x switching frequency can be adjusted from
200 kHz to 1 MHz by changing the value of the ROC resistor
shown in Figure 38, Figure 39, and Figure 40. The value of the
ROC resistor needed for the desired switching frequency can be
determined from the switching frequency vs. ROC resistance
curve shown in Figure 9. The output filter inductor value and
output capacitor value for the ADuM347x application schematics
have been designed to be stable over the switching frequency
range from 500 kHz to 1 MHz, when loaded from 10% to 90%
of the maximum load.
The ADuM347x also has an open-loop mode where the output
voltage is not regulated and is dependent on the transformer
turns ratio, NS/NP, and the conditions of the output including
output load current and the losses in the dc-to-dc converter
circuit. This open-loop mode is selected when the OC pin is
connected high to the VDD2 pin. In open-loop mode, the
switching frequency is 318 kHz.
TRANSIENT RESPONSE
The load transient response of the output voltage of the ADuM347x
for 10% to 90% of the full load is shown in Figure 30 to Figure 33
for the application schematics in Figure 38 and Figure 39. The
response shown is slow but stable and can have more output
change than desired for some applications. The output voltage
change with load transient has been reduced, and the output has
been shown to remain stable by adding more inductance to the
output circuits, as shown in the second VISO output waveform in
Figure 30 to Figure 33.
COMPONENT SELECTION
The ADuM347x digital isolators with 2 W dc-to-dc converters
require no external interface circuitry for the logic interfaces. Power
supply bypassing is required at the input and output supply pins.
Note that a low ESR ceramic bypass capacitor of 0.1 μF is required
on Side 1 between Pin 9 and Pin 10, and on Side 2 between Pin 18
and Pin 19, as close to the chip pads as possible.
The power supply section of the ADuM347x uses a high oscillator
frequency to efficiently pass power through the external power
transformer. In addition, normal operation of the data section
of the iCoupler introduces switching transients on the power
supply pins. Bypass capacitors are required for several operating
frequencies. Noise suppression requires a low inductance, high
frequency capacitor; ripple suppression and proper regulation
require a large value capacitor. To suppress noise and reduce ripple,
large-valued ceramic capacitors of X5R or X7R dielectric type are
recommended. The recommended capacitor value is 10 μF for
VDD1 and 47 μF for VISO. These capacitors have a low ESR and are
available in moderate 1206 or 1210 sizes for voltages up to 10 V. For
output voltages larger than 10 V, two 22 μF ceramic capacitors can
be used in parallel. See Table 19 for recommended components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com