Electronic Components Datasheet Search
  English  ▼

X  

MB90F482BPF Datasheet(PDF) 43 Page - fujitsu semiconductor

Part # MB90F482BPF
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPF Datasheet(HTML) 43 Page - fujitsu semiconductor

Back Button MB90F482BPF Datasheet HTML 39Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 40Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 41Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 42Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 43Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 44Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 45Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 46Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 47Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 124 page
background image
MB90480B/485B Series
DS07-13722-11E
43
5.
8/16-bit PPG
The 8/16-bit PPG is an 8-bit reload timer module that produces a PPG output using a pulse from the timer
operation. Hardware resources include 6
× 8-bit down counters, 12 × 8-bit reload timers, 3 × 16-bit control
registers, 6
× external pulse output pins, and 6 × interrupt outputs. Note that MB90480B/485B series has six
channels for 8-bit PPG use, which can also be combined as PPG0
+ PPG1, PPG2 + PPG3, and PPG4 + PPG5
to operate as a three-channel 16-bit PPG. The following is a summary of functions.
• 8-bit PPG output 6-channel independent mode : Provides PPG output operation on six independent channels.
• 16-bit PPG output operation mode : Provides 16-bit PPG output on three channels. The six original channels
are used in combination as PPG0
+ PPG1, PPG2 + PPG3, and PPG4 + PPG5.
•8
+ 8-bit PPG output operation mode : Output from PPG0 (PPG2/PPG4) is used as clock input to PPG1 (PPG3/
PPG5) to provide to 8-bit PPG output at any desired period length.
• PPG output operation : Produces pulse waves at any desired period and duty ratio. The PPG module can also
be used with external circuits as a D/A converter.
(1) Register List
PPGC0/PPGC2/PPGC4 (PPG0/PPG2/PPG4 operation mode control register)
PPGC1/PPGC3/PPGC5 (PPG1/PPG3/PPG5 operation mode control register)
PPG01/PPG23/PPG45 (PPG0 to PPG5 output control register)
PRLL0 to PRLL5 (Reload register L)
PRLH0 to PRLH5 (Reload register H)
00003AH
00003CH
00003EH
Read/write
Initial value
00003BH
00003DH
00003FH
Read/write
Initial value
000040H
000042H
000044H
Read/write
Initial value
00002EH
000030H
000032H
000034H
000036H
000038H
Read/write
Initial value
00002FH
000031H
000033H
000035H
000037H
000039H
Read/write
Initial value
⎯
X
R/W
0
R/W
0
R/W
0
⎯
X
⎯
X
⎯
1
76
5
4
3
2
1
0
⎯
R/W
0
PEN0
PE00
PIE0
PUF0
⎯⎯
Reserved
⎯
X
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
⎯
1
15
14
13
12
11
10
9
8
⎯
R/W
0
PEN1
PE10
PIE1
PUF1
MD1
MD0
Reserved
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
76
5
4
3
2
1
0
PCS1
R/W
0
PCS2
PCS0
PCM2
PCM1
PCM0
Reserved
Reserved
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
76
5
4
3
2
1
0
D06
R/W
X
D07
D05
D04
D03
D02
D01
D00
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
15
14
13
12
11
10
9
8
D14
R/W
X
D15
D13
D12
D11
D10
D09
D08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com