| Electronic Components Datasheet Search |
|
MB90F482BPF Datasheet(PDF) 12 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F482BPF Datasheet(HTML) 12 Page - fujitsu semiconductor |
|
12 / 124 page ![]() MB90480B/485B Series 12 DS07-13722-11E (Continued) Pin No. Pin name I/O circuit type*3 Function QFP*1 LQFP*2 32 30 P75 F (CMOS) MB90480B series This is a general purpose I/O port. P75 G (CMOS/H) MB90485B series This is a general purpose I/O port. PWC2*4 This is a PWC input pin. 33 31 P76 F (CMOS) MB90480B series This is a general purpose I/O port. P76 I (NMOS/H) MB90485B series This is a general purpose I/O port. SCL*4 Serves as the I2C interface data I/O pin. During oper- ation of the I2C interface, leave the port output in a high impedance state. 34 32 P77 F (CMOS) MB90480B series This is a general purpose I/O port. P77 I (NMOS/H) MB90485B series This is a general purpose I/O port. SDA*4 Serves as the I2C interface data I/O pin. During oper- ation of the I2C interface, leave the port output in a high impedance state. 47, 48 45, 46 P80, P81 E (CMOS/H) These are general purpose I/O ports. IRQ0, IRQ1 External interrupt input pins. 52 to 57 50 to 55 P82 to P87 E (CMOS/H) These are general purpose I/O ports. IRQ2 to IRQ7 External interrupt input pins. 58 56 P90 E (CMOS/H) This is a general purpose I/O port. SIN1 Extended I/O serial interface data input pin. CS0 Chip select 0. 59 57 P91 D (CMOS) This is a general purpose I/O port. SOT1 Extended I/O serial interface data output pin. CS1 Chip select 1. 60 58 P92 E (CMOS/H) This is a general purpose I/O port. SCK1 Extended I/O serial interface clock input/output pin. CS2 Chip select 2. 61 59 P93 E (CMOS/H) This is a general purpose I/O port. FRCK When the free-run timer is in use, this pin functions as the external clock input pin. ADTG When the A/D converter is in use, this pin functions as the exter- nal trigger input pin. CS3 Chip select 3. 62 60 P94 D (CMOS) This is a general purpose I/O port. PPG4 PPG timer output pin. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |