| Electronic Components Datasheet Search |
|
MB90F482BPF Datasheet(PDF) 90 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F482BPF Datasheet(HTML) 90 Page - fujitsu semiconductor |
|
90 / 124 page ![]() MB90480B/485B Series 90 DS07-13722-11E 3.6 2.7 3.0 4 1.5 16 25 16 12 25 8 4 34 8 12.5 16 25 20 32 50 20 6 1.5 9 18 24 5 6 10 40 Range of warranted PLL operation Normal operating range Internal clock fCP (MHz) Internal operating clock frequency vs. Power supply voltage Base oscillator frequency vs. Internal operating clock frequency Base oscillator clock FCH (MHz) • Range of warranted PLL operation Notes: • For A/D operating frequency, refer to “5. A/D Converter Electrical Characteristics” • Only at 1 multiplied PLL, use with more than fCP = 4 MHz. No multiplied *1 : In setting as 1, 2, 3 and 4 multiplied PLL, when the internal clock is used at 20 MHz < fCP ≤ 25 MHz, set the PLLOS register to “DIV2 bit = 1” and “PLL2 bit = 1”. [Example] When using the base oscillator frequency of 24 MHz at 1 multiplied PLL : CKSCR register : CS1 bit = “0”, CS0 bit = “0” PLLOS register : PLL2 bit = “1” [Example] When using the base oscillator frequency of 6 MHz at 3 multiplied PLL : CKSCR register : CS1 bit = “1”, CS0 bit = “0” PLLOS register : PLL2 bit = “1” *2 : In setting as 2 and 4 multiplied PLL, when the internal clock is used at 20 MHz < fCP ≤ 25 MHz, the following setting is also enabled. 2 multiplied PLL : CKSCR register : CS1 bit = “0”, CS0 bit = “0” PLLOS register : PLL2 bit = “1” 4 multiplied PLL : CKSCR register : CS1 bit = “0”, CS0 bit = “1” PLLOS register : PLL2 bit = “1” *3 : When using in setting as 6 and 8 multiplied PLL, set the PLLOS register to “DIV2 bit = 0” and “PLL2 bit = 1”. [Example] When using the base oscillator frequency of 4 MHz at 6 multiplied PLL : CKSCR register : CS1 bit = “1”, CS0 bit = “0” PLLOS register : PLL2 bit = “1” [Example] When using the base oscillator frequency of 3 MHz at 8 multiplied PLL : CKSCR register : CS1 bit = “1”, CS0 bit = “1” PLLOS register : PLL2 bit = “1” 1 × *1 2 × *1,*2 3 × *1 4 × *1,*2 6 × *3 8 × *3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |