Electronic Components Datasheet Search
  English  ▼

X  

MB90F482BPF Datasheet(PDF) 100 Page - fujitsu semiconductor

Part # MB90F482BPF
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPF Datasheet(HTML) 100 Page - fujitsu semiconductor

Back Button MB90F482BPF Datasheet HTML 96Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 97Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 98Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 99Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 100Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 101Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 102Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 103Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 104Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 124 page
background image
MB90480B/485B Series
100
DS07-13722-11E
(8) Hold Timing
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = − 40 °C to + 85 °C)
* : tCP is internal operating clock cycle time. Refer to “ (1) Clock Timing”.
Note : One or more cycles are required from the time the HRQ pin is read until the HAK signal changes.
(9) UART Timing
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = − 40 °C to + 85 °C)
*1 : CL is the load capacitance applied to pins for testing.
*2 : tCP is internal operating clock cycle time. Refer to “ (1) Clock Timing”.
Note : The above rating is in CLK synchronous mode.
Parameter
Symbol
Pin name
Conditions
Value
Unit
Min
Max
Pin floating
→ HAK ↓ time
tXHAL
HAK
⎯
30
tCP*ns
HAK
↓ → pin valid time
tHAHV
HAK
tCP*2 tCP*ns
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Max
Serial clock cycle time
tSCYC
⎯
Internal shift clock
mode output pins :
CL*1
= 80 pF + 1 TTL
8 tCP*2
⎯
ns
SCK
↓ → SOT delay time
tSLOV
⎯
− 80
+ 80
ns
− 120 + 120
ns
fCP
= 8 MHz
Valid SIN
→ SCK↑
tIVSH
⎯
100
⎯
ns
200
⎯
ns
fCP
= 8 MHz
SCK
↑ → valid SIN hold time
tSHIX
⎯
tCP*2
⎯
ns
Serial clock “H” pulse width
tSHSL
⎯
External shift clock
mode output pins :
CL*1
= 80 pF + 1 TTL
4 tCP*2
⎯
ns
Serial clock “L” pulse width
tSLSH
⎯
4 tCP*2
⎯
ns
SCK
↓ → SOT delay time
tSLOV
⎯
⎯
150
ns
⎯
200
ns
fCP
= 8 MHz
Valid SIN
→ SCK↑
tIVSH
⎯
60
⎯
ns
120
⎯
ns
fCP
= 8 MHz
SCK
↑ → valid SIN hold time
tSHIX
⎯
60
⎯
ns
120
⎯
ns
fCP
= 8 MHz
HAK
tXHAL
tHAHV
2.4 V
0.8 V
2.4 V
2.4 V
0.8 V
0.8 V
Pins
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com