Electronic Components Datasheet Search
  English  ▼

X  

MB90F482BPF Datasheet(PDF) 111 Page - fujitsu semiconductor

Part # MB90F482BPF
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPF Datasheet(HTML) 111 Page - fujitsu semiconductor

Back Button MB90F482BPF Datasheet HTML 107Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 108Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 109Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 110Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 111Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 112Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 113Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 114Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 115Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 124 page
background image
MB90480B/485B Series
DS07-13722-11E
111
• About the external impedance of the analog input and its sampling time
• A/D converter with sample and hold circuit. If the external impedance is too high to keep sufficient sampling
time, the analog voltage charged to the internal sample and hold capacitor is insufficient, adversely affecting
A/D conversion precision.
• To satisfy the A/D conversion precision standard, consider the relationship between the external impedance
and minimum sampling time and either adjust the register value and operating frequency or decrease the
external impedance so that the sampling time is longer than the minimum value.
• If the sampling time cannot be sufficient, connect a capacitor of about 0.1
μF to the analog input pin.
• About errors
As |AVRH
− AVSS| becomes smaller, values of relative errors grow larger.
Note : Concerning sampling time, and compare time when 3.6 V
≥ AVCC ≥ 2.7 V, then
Sampling time : 1.92
μs, compare time : 1.1 μs
Settings should ensure that actual values do not go below these values due to operating frequency changes.
R
C
During sampling : ON
Analog input
Comparator
Note: The values are reference values.
• Analog input equivalent circuit
RC
MB90487B
2.5 k
Ω (Max) 31.0 pF (Max)
MB90F481B/F482B 1.9 k
Ω (Max) 25.0 pF (Max)
MB90F488B/F489B 1.9 k
Ω (Max) 25.0 pF (Max)
MB90F481B/F482B
MB90F488B/F489B
100
90
80
70
60
50
40
30
20
10
0
0
5
10
15
20
25
30
35
MB90487B/
MB90483C
MB90F481B/F482B
MB90F488B/F489B
20
18
16
14
12
10
8
6
4
2
0
0123456
8
7
MB90487B/
MB90483C
(External impedance
= 0 kΩ to 100 kΩ)
(External impedance
= 0 kΩ to 20 kΩ)
Minimum sampling time [
μs]
Minimum sampling time [
μs]
• The relationship between external impedance and minimum sampling time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com