Electronic Components Datasheet Search
  English  ▼

X  

FT245R Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # FT245R
Description  USB FIFO IC - Single chip USB to parallel FIFO bidirectional data transfer interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT245R Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button FT245R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Copyright © 2010 Future Technology Devices International Limited
10
Document No.: FT_000052
FT245R USB FIFO IC Datasheet Version 2.10
Clearance No.: FTDI# 39
3.3 QFN-32 Package
D7
Figure 3.2 QFN-32 Package Pin Out and schematic symbol
3.4 QFN-32 Package Signal Description
Pin No.
Name
Type
Description
14
USBDP
I/O
USB Data Signal Plus, incorporating internal series resistor and 1.5kΩ pull up resistor
to +3.3V.
15
USBDM
I/O
USB Data Signal Minus, incorporating internal series resistor.
Table 3.5 USB Interface Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com