Electronic Components Datasheet Search
  English  ▼

X  

FT245R Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # FT245R
Description  USB FIFO IC - Single chip USB to parallel FIFO bidirectional data transfer interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT245R Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  FT245R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Copyright © 2010 Future Technology Devices International Limited
4
Document No.: FT_000052
FT245R USB FIFO IC Datasheet Version 2.10
Clearance No.: FTDI# 39
2 FT245R Block Diagram
Clock
Multiplier
Serial Interface
Engine
( SIE )
USB
Protocol Engine
3.3 Volt
LDO
Regulator
USB
Transceiver
with
Integrated
Series
Resistors
and 1.5K
Pull-up
USB DPLL
Internal
12MHz
Oscillator
48MHz
OCSI
(optional)
OSCO
(optional)
USBDP
USBDM
3V3OUT
VCC
D0
D1
D2
D3
D4
D5
D6
D7
RD#
RXF#
TXE#
RESET#
TEST
GND
RESET
GENERATOR
3V3OUT
WR
FIFO RX Buffer
128 bytes
FIFO TX Buffer
256 bytes
Internal
EEPROM
To USB Transceiver Cell
PWREN#
To USB
Transceiver
Cell
VCCIO
FIFO Controller
with
Programmable
High Drive
Figure 2.1 FT245R Block Diagram
For a description of each function please refer to Section 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com