Electronic Components Datasheet Search
  English  ▼

X  

FT245R Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # FT245R
Description  USB FIFO IC - Single chip USB to parallel FIFO bidirectional data transfer interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT245R Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  FT245R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Copyright © 2010 Future Technology Devices International Limited
5
Document No.: FT_000052
FT245R USB FIFO IC Datasheet Version 2.10
Clearance No.: FTDI# 39
Table of Contents
1 Typical Applications ........................................................................ 2
1.1
Driver Support .................................................................................... 2
1.2
Part Numbers...................................................................................... 2
1.3
USB Compliant .................................................................................... 3
2 FT245R Block Diagram .................................................................... 4
3 Device Pin Out and Signal Description ............................................ 7
3.1
28-LD SSOP Package .......................................................................... 7
3.2
SSOP Package Pin Out Description...................................................... 7
3.3
QFN-32 Package ............................................................................... 10
3.4
QFN-32 Package Signal Description .................................................. 10
3.5
FT245R FIFO READ Timing Diagrams ................................................ 13
3.6
FT245R FIFO WRITE Timing Diagrams .............................................. 14
4 Function Description ..................................................................... 15
4.1
Key Features..................................................................................... 15
4.2
Functional Block Descriptions ........................................................... 16
5 Devices Characteristics and Ratings.............................................. 17
5.1
Absolute Maximum Ratings............................................................... 17
5.2
DC Characteristics............................................................................. 18
6 ........................................................................................................ 20
6.1
EEPROM Reliability Characteristics ................................................... 21
6.2
Internal Clock Characteristics........................................................... 21
7 USB Power Configurations ............................................................ 22
7.1
USB Bus Powered Configuration ...................................................... 22
7.2
Self Powered Configuration .............................................................. 23
7.3
USB Bus Powered with Power Switching Configuration .................... 24
7.4
USB Bus Powered with Selectable External Logic Supply .................. 25
8 Application Examples .................................................................... 26
8.1
USB to MCU FIFO Interface ............................................................... 26
8.2
Using the External Oscillator ............................................................ 27
9 Internal EEPROM Configuration .................................................... 28
10
Package Parameters................................................................... 29
10.1
SSOP-28 Package Dimensions........................................................ 29
10.2
QFN-32 Package Dimensions ......................................................... 30
10.3
QFN-32 Package Typical Pad Layout .............................................. 31
10.4
QFN-32 Package Typical Solder Paste Diagram.............................. 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com