Electronic Components Datasheet Search
  English  ▼

X  

FT245R Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT245R
Description  USB FIFO IC - Single chip USB to parallel FIFO bidirectional data transfer interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT245R Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT245R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT245R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Copyright © 2010 Future Technology Devices International Limited
1
Document No.: FT_000052
FT245R USB FIFO IC Datasheet Version 2.10
Clearance No.: FTDI# 39
Future Technology
Devices International Ltd.
FT245R USB FIFO IC
The FT245R is a USB to parallel FIFO
interface with the following advanced
features:
Single chip USB to parallel FIFO bidirectional
data transfer interface.
Entire USB protocol handled on the chip. No
USB specific firmware programming required.
Fully integrated 1024 bit EEPROM storing
device descriptors and FIFO I/O configuration.
Fully integrated USB termination resistors.
Fully integrated clock generation with no
external crystal required.
Data transfer rates up to 1Mbyte / second.
128 byte receive buffer and 256 byte transmit
buffer utilising buffer smoothing technology to
allow for high data throughput.
FTDI‟s royalty-free Virtual Com Port (VCP) and
Direct (D2XX) drivers eliminate the
requirement for USB driver development in
most cases.
Unique USB FTDIChip-ID™ feature.
Configurable FIFO interface I/O pins.
Synchronous and asynchronous bit bang
interface options.
Device supplied pre-programmed with unique USB
serial number.
Supports bus powered, self powered and high-power
bus powered USB configurations.
Integrated +3.3V level converter for USB I/O.
Integrated level converter on FIFO interface for
interfacing to external logic running at between
+1.8V and +5V.
True 5V/3.3V/2.8V/1.8V CMOS drive output and TTL
input.
Configurable I/O pin output drive strength.
Integrated power-on-reset circuit.
Fully integrated AVCC supply filtering - no external
filtering required.
+3.3V (using external oscillator) to +5.25V (using
internal oscillator) Single Supply Operation.
Low operating and USB suspend current.
Low USB bandwidth consumption.
UHCI/OHCI/EHCI host controller compatible.
USB 2.0 Full Speed compatible.
-40°C to 85°C extended operating temperature
range.
Available in compact Pb-free 28 Pin SSOP and QFN-
32 packages (both RoHS compliant).
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in
which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park,
Glasgow G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT245R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT245R FTDI-FT245R Datasheet
728Kb / 25P
USB FIFO I.C. Incorporating FTDIChip-ID??Security Dongle
FT245RL FTDI-FT245RL Datasheet
254Kb / 13P
Bit Bang Modes for the FT232R and FT245R
FT245RL-REEL FTDI-FT245RL-REEL Datasheet
778Kb / 37P
FT245R USB FIFO IC
FT245RQ FTDI-FT245RQ Datasheet
254Kb / 13P
Bit Bang Modes for the FT232R and FT245R
logo
List of Unclassifed Man...
FT245RQ-REEL ETC2-FT245RQ-REEL Datasheet
778Kb / 37P
Future Technology Devices International Ltd. FT245R USB FIFO IC
More results

Similar Description - FT245R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT8U245AM FTDI-FT8U245AM Datasheet
46Kb / 15P
USB FIFO - Fast Parallel Data Transfer IC
logo
List of Unclassifed Man...
FT245BL ETC-FT245BL Datasheet
505Kb / 24P
FT245BL USB FIFO ( USB - Parallel ) I.C.
logo
Future Technology Devic...
FT245BM FTDI-FT245BM Datasheet
550Kb / 24P
USB FIFO ( USB - Parallel ) I.C.
FT245BQ FTDI-FT245BQ Datasheet
555Kb / 24P
USB FIFO ( USB - Parallel ) I.C.
logo
List of Unclassifed Man...
DLP-USB1 ETC1-DLP-USB1 Datasheet
63Kb / 6P
USB to FIFO Parallel Interface Module
logo
Future Technology Devic...
FT245BL FTDI-FT245BL Datasheet
538Kb / 24P
USB FIFO ( USB - Parallel ) I.C.
FT232R FTDI-FT232R_10 Datasheet
774Kb / 43P
USB UART IC - Single chip USB to asynchronous serial data transfer interface
FT245RL-REEL FTDI-FT245RL-REEL Datasheet
778Kb / 37P
FT245R USB FIFO IC
FT231XQ-T FTDI-FT231XQ-T Datasheet
830Kb / 44P
Single chip USB to asynchronous serial data transfer interface
FT240XS-R FTDI-FT240XS-R Datasheet
754Kb / 40P
USB 8-BIT FIFO IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com