Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1GX04DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1GX04DBVT
Description  CRYSTAL OSCILLATOR DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1GX04DBVT Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC1GX04DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
X1
X2
3
4
Y
6
Absolute Maximum Ratings
(1)
SN74LVC1GX04
CRYSTAL OSCILLATOR DRIVER
SCES581B – JULY 2004 – REVISED DECEMBER 2006
X1 and X2 can be connected to a crystal or resonator in oscillator applications. The device provides an
additional buffered inverter (Y) for signal conditioning (see Figure 3). The additional buffered inverter improves
the signal quality of the crystal oscillator output by making it rail to rail.
NanoStar™ and NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the
die as the package.
This device is fully specified for partial-power-down applications using Ioff (Y output only). The Ioff circuitry
disables the outputs, preventing damaging current backflow through the device when it is powered down.
FUNCTION TABLE
OUTPUTS
INPUT
X1
X2
Y
H
L
H
L
H
L
LOGIC DIAGRAM (POSITIVE LOGIC)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Voltage range applied to Y output in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high or low state(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
DBV package
165
DCK package
259
θ
JA
Package thermal impedance(4)
°C/W
DRL package
142
YEP/YZP package
123
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com