Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1GX04DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1GX04DBVT
Description  CRYSTAL OSCILLATOR DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1GX04DBVT Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC1GX04DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
Recommended Operating Conditions
(1)
SN74LVC1GX04
CRYSTAL OSCILLATOR DRIVER
SCES581B – JULY 2004 – REVISED DECEMBER 2006
MIN
MAX
UNIT
Operating
1.65
5.5
VCC
Supply voltage
Data retention only
1.5
V
Crystal oscillator use
2
VIH
High-level input voltage
VCC = 1.65 V to 5.5 V
0.75
× V
CC
V
VIL
Low-level input voltage
VCC = 1.65 V to 5.5 V
0.25
× V
CC
V
VI
Input voltage
0
5.5
V
X2, Y
0
VCC
VO
Output voltage
V
Y output only, Power-down mode, VCC = 0 V
0
5.5
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
–16
mA
VCC = 3 V
–24
VCC = 4.5 V
–32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
16
mA
VCC = 3 V
24
VCC = 4.5 V
32
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
∆t/∆v
Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
10
ns/V
VCC = 5 V ±0.5 V
10
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com