Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1GX04DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1GX04DBVT
Description  CRYSTAL OSCILLATOR DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1GX04DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1GX04DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1GX04DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
See mechanical drawings for dimensions.
DNU – Do not use
NC – No internal connection
DBV PACKAGE
(TOP VIEW)
6
5
1
Y
V
CC
NC
2
GND
3
4
X1
X2
DRL PACKAGE
(TOP VIEW)
2
GND
Y
V
CC
6
5
1
NC
3
4
X1
X2
DCK PACKAGE
(TOP VIEW)
2
GND
3
4
X1
Y
V
CC
6
5
NC
X2
1
YEP OR YZP PACKAGE
(BOTTOM VIEW)
2
GND
Y
V
CC
1 5
5
DNU
X1
4
3
X2
DESCRIPTION/ORDERING INFORMATION
SN74LVC1GX04
CRYSTAL OSCILLATOR DRIVER
SCES581B – JULY 2004 – REVISED DECEMBER 2006
• Available in Texas Instruments NanoStar™
• ±24-mA Output Drive at 3.3 V
and NanoFree™ Packages
• I
off Supports Partial-Power-Down Mode
• Supports 5-V V
CC Operation
Operation
• Inputs Accept Voltages to 5.5 V
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• One Unbuffered Inverter (SN74LVC1GU04)
and One Buffered Inverter (SN74LVC1G04)
• ESD Protection Exceeds JESD 22
• Suitable for Commonly Used Clock
–
2000-V Human-Body Model (A114-A)
Frequencies:
–
200-V Machine Model (A115-A)
–
15 kHz, 3.58 MHz, 4.43 MHz, 13 MHz,
–
1000-V Charged-Device Model (C101)
25 MHz, 26 MHz, 27 MHz, 28 MHz
• Max t
pd of 2.4 ns at 3.3 V
• Low Power Consumption, 10-µA Max I
CC
The SN74LVC1GX04 is designed for 1.65-V to 5.5-V VCC operation. This device incorporates the
SN74LVC1GU04 (inverter with unbuffered output) and the SN74LVC1G04 (inverter) functions into a single
device. The LVC1GX04 is optimized for use in crystal oscillator applications.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoStar™ – WCSP (DSBGA)
SN74LVC1GX04YEPR(3)
PREVIEW
0.23-mm Large Bump – YEP
Reel of 3000
NanoFree™ – WCSP (DSBGA)
SN74LVC1GX04YZPR(3)
PREVIEW
0.23-mm Large Bump – YZP (Pb-free)
Reel of 3000
SN74LVC1GX04DBVR
–40
°C to 85°C
SOT (SOT-23) – DBV
CX4_
Reel of 250
SN74LVC1GX04DBVT
Reel of 3000
SN74LVC1GX04DCKR
SOT (SC-70) – DCK
D2_
Reel of 250
SN74LVC1GX04DCKT
SOT (SOT-553) – DRL
Reel of 4000
SN74LVC1GX04DRLR
UC_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.
YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
(3)
Package preview
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar, NanoFree are trademarks of Texas Instruments.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2004–2006, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1GX04DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1GX04DBVT TI-SN74LVC1GX04DBVT Datasheet
301Kb / 13P
CRYSTAL OSCILLATOR DRIVER
SN74LVC1GX04DBVT TI1-SN74LVC1GX04DBVT Datasheet
1Mb / 27P
Crystal Oscillator Driver
SN74LVC1GX04DBVT TI2-SN74LVC1GX04DBVT Datasheet
855Kb / 30P
SN74LVC1GX04 Crystal Oscillator Driver
REVISED OCTOBER 2015
SN74LVC1GX04DBVT TI2-SN74LVC1GX04DBVT Datasheet
862Kb / 30P
SN74LVC1GX04 Crystal Oscillator Driver
REVISED OCTOBER 2015
SN74LVC1GX04DBVT.B TI2-SN74LVC1GX04DBVT.B Datasheet
855Kb / 30P
SN74LVC1GX04 Crystal Oscillator Driver
REVISED OCTOBER 2015
More results

Similar Description - SN74LVC1GX04DBVT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CARD_74LVC1GX04 PHILIPS-CARD_74LVC1GX04 Datasheet
97Kb / 2P
One chip crystal oscillator driver
August 2003
logo
Texas Instruments
SN74LVC1GX04 TI-SN74LVC1GX04 Datasheet
301Kb / 13P
CRYSTAL OSCILLATOR DRIVER
SN74LVC1404 TI-SN74LVC1404 Datasheet
309Kb / 16P
OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
logo
Epson ToYoCom
TG-2832CB EPSONTOYOCOM-TG-2832CB Datasheet
477Kb / 1P
Crystal oscillator
logo
ECM Electronics Limited...
GBS303 ECM-GBS303 Datasheet
111Kb / 1P
Crystal Oscillator
logo
Texas Instruments
SN74LVC1404 TI-SN74LVC1404_07 Datasheet
466Kb / 17P
OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404 TI-SN74LVC1404_09 Datasheet
565Kb / 18P
OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1GX04-EP TI1-SN74LVC1GX04-EP Datasheet
442Kb / 15P
CRYSTAL OSCILLATOR DRIVER
SN74LVC1GX04 TI1-SN74LVC1GX04_15 Datasheet
1Mb / 27P
Crystal Oscillator Driver
logo
STMicroelectronics
RHFOSC04 STMICROELECTRONICS-RHFOSC04 Datasheet
1Mb / 16P
Rad-hard, crystal oscillator driver and divider
13-May-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com