Electronic Components Datasheet Search
  English  ▼

X  

PCA8802 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA8802
Description  ultra low power oscillator with integrated counter for initiating one time password generation
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8802 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA8802 Datasheet HTML 17Page - NXP Semiconductors PCA8802 Datasheet HTML 18Page - NXP Semiconductors PCA8802 Datasheet HTML 19Page - NXP Semiconductors PCA8802 Datasheet HTML 20Page - NXP Semiconductors PCA8802 Datasheet HTML 21Page - NXP Semiconductors PCA8802 Datasheet HTML 22Page - NXP Semiconductors PCA8802 Datasheet HTML 23Page - NXP Semiconductors PCA8802 Datasheet HTML 24Page - NXP Semiconductors PCA8802 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
PCA8802_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 19 February 2009
21 of 34
NXP Semiconductors
PCA8802
Smartcard RTC
[1]
Unless otherwise defined, IDD is measured with the reset state, see Section 9.7.
[2]
Integrated load capacitance, CL(itg), is a calculation of COSCI and COSCO in series:
.
12. Dynamic characteristics
[1]
All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and VIH with an
input voltage swing of VSS to VDD.
[2]
Rise and fall times are not limited. Fast edges may lead to system EMI problems, whilst slow edges are susceptible to noise.
IOL
LOW-level output current
VOL = 1.0 V;
VDD =5V;
on pins INT and SDA
−2
−7-
mA
VOL = 0.32 V;
VDD = 1.6 V;
on pins INT and SDA
−0.4
−1-
mA
ILO
output leakage current
VO =VDD or VSS;
on pins SDA and INT
−200
0
+200
nA
Table 11.
Static characteristics …continued
VDD = 1.6 V to 5.5 V; VSS =0V; fosc = 32.768 kHz; Tamb = −40 °C to +85 °C; quartz crystal: Rs =30kΩ, CL = 6.0 pF; unless
otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
C
Litg
()
C
OSCI
C
OSCO
⋅
()
C
OSCI
C
OSCO
+
()
--------------------------------------------
=
Table 12.
Dynamic characteristics
VDD = 1.6 V to 5.5 V; VSS = 0 V; Tamb = −40 °C to +85 °C; unless otherwise specified. [1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Timing characteristics: serial bus
fSCL
SCL clock frequency
-
-
1
MHz
tLOW
LOW period of the SCL clock
500
-
-
ns
tHIGH
HIGH period of the SCL clock
260
-
-
ns
tBUF
bus free time between a STOP and
START condition
500
-
-
ns
tHD;STA
hold time (repeated) START condition
260
-
-
ns
tSU;STA
set-up time for a repeated START
condition
260
-
-
ns
tr
rise time of both SDA and SCL signals
[2]
-10
-
ns
tf
fall time of both SDA and SCL signals
[2]
-10
-
ns
tSU;DAT
data set-up time
50
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
tSU;STO
set-up time for STOP condition
260
-
-
ns
tVD;DAT
data valid time
75
-
450
ns
Cb
capacitive load for each bus line
-
-
50
pF
Timing characteristics: INT
tw(int)
interrupt pulse width
20
40
80
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com