Electronic Components Datasheet Search
  English  ▼

X  

PCA8802 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA8802
Description  ultra low power oscillator with integrated counter for initiating one time password generation
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8802 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA8802 Datasheet HTML 3Page - NXP Semiconductors PCA8802 Datasheet HTML 4Page - NXP Semiconductors PCA8802 Datasheet HTML 5Page - NXP Semiconductors PCA8802 Datasheet HTML 6Page - NXP Semiconductors PCA8802 Datasheet HTML 7Page - NXP Semiconductors PCA8802 Datasheet HTML 8Page - NXP Semiconductors PCA8802 Datasheet HTML 9Page - NXP Semiconductors PCA8802 Datasheet HTML 10Page - NXP Semiconductors PCA8802 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
PCA8802_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 19 February 2009
7 of 34
NXP Semiconductors
PCA8802
Smartcard RTC
9.3 Binary counter
A 24 bit binary roll over counter is implemented. The counter is reset at power-on.
The counter can be set to any value using the set_cmd instruction. The set_cmd
instruction allows partial writing of data. Partial writing of the data parameters will result in
partial setting of the counter, e.g. if data transfer is stopped after P1[23:16] (see Table 5)is
transmitted, then only bit 23 to bit 16 will be updated. The counter will not increment whilst
being set.
The counter can be halted by means of stopping the dividers using the dvs_cmd
instruction.
The counter can be read at any time and the counter value will remain stable during
reading. If the counter is due to increment during the read or write cycle, then the request
to increment will be held off until after the read has concluded. For this reason it is
important to read the counter in bursts, ensuring that an interface STOP condition (see
Section 9.5.4) is present between read accesses. Reading for periods of more then
32 seconds at a time will result in loss of counts.
Divider_1 = dividing by 4.
Divider_2 = dividing by 8192.
Divider_3 = dividing by 32.
Fig 7.
Divider chain
001aaj168
OSCILLATOR
STOP
DETECTOR
DIVIDER_2
DIVIDER_1
32.768 kHz
8.192 kHz
dvs_cmd - divider stop command
DIVIDER_3
1 Hz
24-BIT
COUNTER
1/32 Hz
clock
reset
reset
power-on reset signal
clock for fast mode
(1) Increment delayed until after the read has finished.
Fig 8.
Counter behavior during read access
001aaj206
(1)
read
frozen
frozen
free
increment
increment
free
interface state
1/32 Hz pulse
counter state
read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com