Electronic Components Datasheet Search
  English  ▼

X  

PCA8802 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCA8802
Description  ultra low power oscillator with integrated counter for initiating one time password generation
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8802 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCA8802 Datasheet HTML 24Page - NXP Semiconductors PCA8802 Datasheet HTML 25Page - NXP Semiconductors PCA8802 Datasheet HTML 26Page - NXP Semiconductors PCA8802 Datasheet HTML 27Page - NXP Semiconductors PCA8802 Datasheet HTML 28Page - NXP Semiconductors PCA8802 Datasheet HTML 29Page - NXP Semiconductors PCA8802 Datasheet HTML 30Page - NXP Semiconductors PCA8802 Datasheet HTML 31Page - NXP Semiconductors PCA8802 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
PCA8802_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 19 February 2009
28 of 34
NXP Semiconductors
PCA8802
Smartcard RTC
15.2 Tape and reel
[1]
Die is placed in pocket bump side down.
The orientation of the IC in a pocket is indicated by the position of the IC type name on the surface
of the die, with respect to the cut corner on the upper left of the tray.
Fig 33. Tray alignment
001aaj258
Fig 34. Tape and reel details for PCA8802CX
Table 15.
Tape and reel dimensions [1]
Dimension
Description
Value
W
tape width
8.0 mm
A0
pocked length
1.3 mm
B0
pocket width
1.3 mm
K0
pocket depth
0.5 mm
P1
pocket pitch
4.0 mm
The orientation of the IC in a pocket is indicated by the position of pin 1, with respect to the
sprocket holes.
Fig 35. Pocket alignment for PCA8802CX
4 mm
K0
A0
P1
B0
direction of feed
001aai040
W
001aaj153
pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com