Electronic Components Datasheet Search
  English  ▼

X  

82567 Datasheet(PDF) 8 Page - Intel Corporation

Part # 82567
Description  GbE Physical Layer Transceiver (PHY)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82567 Datasheet(HTML) 8 Page - Intel Corporation

Back Button 82567 Datasheet HTML 4Page - Intel Corporation 82567 Datasheet HTML 5Page - Intel Corporation 82567 Datasheet HTML 6Page - Intel Corporation 82567 Datasheet HTML 7Page - Intel Corporation 82567 Datasheet HTML 8Page - Intel Corporation 82567 Datasheet HTML 9Page - Intel Corporation 82567 Datasheet HTML 10Page - Intel Corporation 82567 Datasheet HTML 11Page - Intel Corporation 82567 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
82567—Datasheet
8
2.3
LCI Interface Pins
2.4
Miscellaneous Pins
Signal Name
Pin
Type
Description
JKCLK
45
O
LCI/GLCI Clock
The clock is driven by the 82567 according to the operation
mode:
In 1000 Mb/s mode, JKCLK frequency is 62.5 MHz.
In 100 Mb/s mode, JKCLK frequency is 50 MHz.
In 10 Mb/s mode and no link, JKCLK frequency is 5 MHz.
In power down mode, JKCLK frequency is 0 MHz.
JRSTSYNC
50
I
Reset/SYNC
This pin is driven by the MAC and has two functions:
Reset. When this pin is asserted beyond one LCI clock, the
82567 refers to this signal as a reset signal. However, to ensure
that the 82567 resets, the reset should remain active for at least
1ms. This functionality is also used to bring the 82567 out of a
power-down state.
SYNC. When this pin is activated synchronously for one LCI clock
only, it is used for synchronization between the MAC and the
82567 on LCI word boundaries.
JTXD2
JTXD1
JTXD0
44
43
42
I
LCI Transmit Data
These pins are used for receiving real time control and
management data transmitted by the ICH9 LAN. These pins are
also used to move out of band control from the MAC to the
82567. The pins should be fully synchronous to JKCLK.
JRXD2
JRXD1
JRXD0
49
48
47
O
LCI Receive Data
These pins are used for transmitting real time control and
management data received by the ICH9 LAN. These pins are also
used to move out of band control from the 82567 to the MAC.
Signal Name
Pin
Type
Description
IEEE_TEST_P
IEEE_TEST_N
12
13
A-out
Positive side of the high speed differential debug port for the 82567.
LAN_DISABLE_N
37
I/PU
When this pin is set, the 82567 consumes minimum power and is
disabled.
RSET
15
This pin should be connected through 4.99 kohm, +-1%, to ground.
RESERVED_NC
51
Do not connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com