Electronic Components Datasheet Search
  English  ▼

X  

82567 Datasheet(PDF) 28 Page - Intel Corporation

Part # 82567
Description  GbE Physical Layer Transceiver (PHY)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82567 Datasheet(HTML) 28 Page - Intel Corporation

Back Button 82567 Datasheet HTML 24Page - Intel Corporation 82567 Datasheet HTML 25Page - Intel Corporation 82567 Datasheet HTML 26Page - Intel Corporation 82567 Datasheet HTML 27Page - Intel Corporation 82567 Datasheet HTML 28Page - Intel Corporation 82567 Datasheet HTML 29Page - Intel Corporation 82567 Datasheet HTML 30Page - Intel Corporation 82567 Datasheet HTML 31Page - Intel Corporation 82567 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
82567—Datasheet
28
4.8
Timing Parameters
4.8.1
Timing Requirements
The 82567 requires the following start-up and power state transitions.
Table 10.
Timing Requirements
4.8.2
Timing Guarantees
The 82567 guarantees the following start-up and power state transition related timing
parameters.
Table 11.
Timing Guarantees
Parameter
Description
Min
Max
Notes
TJRST_min
Minimum duration of
JRSTSYNC pulse
1 ms
Per LCI specification
Tc2dud
Completion of dock/undock
configuration following cable
connection
0.5 sec
Tr2init
Completion of PHY
configuration following a reset
complete indication
0.5 sec
Parameter
Description
Min
Max
Notes
TPHY_Reset
Reset de-assertion to PHY
reset complete
10 ms
PHY configuration
should be delayed
until PHY completes
its reset
TXTAL
XTAL frequency stable after
platform power ramp up
5 ms
TPOR
Internal POR trigger after XTAL
stable
1 s
TJKCLK
JKCLK output stable after
internal POR
3 s
TTX_IDLE-TO-DIFF-DATA
Maximum time to transition to
valid TX specifications after
leaving an electrical idle
condition
200 ns
Required by GLCI
2.0 specification
TRX_IDLE-TO-DIFF-DATA
Maximum time to be ready to
accept data after leaving an
electrical idle condition
200 ns
Required by GLCI
2.0 specification
Tc2an
Cable connect to start of auto
negotiation
1.2 s
1.3 s
Per 802.3
specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com