Electronic Components Datasheet Search
  English  ▼

X  

82567 Datasheet(PDF) 22 Page - Intel Corporation

Part # 82567
Description  GbE Physical Layer Transceiver (PHY)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82567 Datasheet(HTML) 22 Page - Intel Corporation

Back Button 82567 Datasheet HTML 18Page - Intel Corporation 82567 Datasheet HTML 19Page - Intel Corporation 82567 Datasheet HTML 20Page - Intel Corporation 82567 Datasheet HTML 21Page - Intel Corporation 82567 Datasheet HTML 22Page - Intel Corporation 82567 Datasheet HTML 23Page - Intel Corporation 82567 Datasheet HTML 24Page - Intel Corporation 82567 Datasheet HTML 25Page - Intel Corporation 82567 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
82567—Datasheet
22
Table 7.
Power Consumption–82567 with internal Voltage regulator, 1.9V (VCC1P8)
Note:
The total solution power is the total amount of power from the 3.3V supply required for the 82567 to
operate. In its mathematical form:
solution power = (82567 current) * 3.3 V. The 3.3 V is assumed since this is the normal voltage rail provided to the
LAN solution.
‡
Refer to Fig. 2 for details of the implementation of V3.3WOL gated by a FET switch controlled by an OR
of WOL_EN and SLP_M#
State
Mode
3.3 V
Current
[mA]
1.9 V
Current
[mA]
82567
Power
[mW]
Solution
Power
[mW]
S0 - Max
1000Mbps Active, 90°c [Ta]
22
377
789
1317
1000Mbps Idle, 90°c [Ta]
22
370
776
1294
S0 - Typ
1000Mbps Active
22
372
779
1300
1000Mbps Idle
22
365
766
1277
100Mbps Active
25
88
250
373
100Mbps Idle
25
88
250
373
10Mbps Active
4
113
228
386
10Mbps Idle
4
64
135
224
Cable Disconnect (ACBS)
3
16
40
63
Cable Disconnect (82567V only,
no ACBS)
3
30
67
109
LAN Disable
3
9
27
40
SX
10Mbps Idle with WOL
4
64
135
224
WOL disabled in driver
3
9
27
40
WOL disabled in BIOS
3
9
27
40
WOL disabled in BIOS w/FET
switch‡
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com