Electronic Components Datasheet Search
  English  ▼

X  

82567 Datasheet(PDF) 9 Page - Intel Corporation

Part # 82567
Description  GbE Physical Layer Transceiver (PHY)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82567 Datasheet(HTML) 9 Page - Intel Corporation

Back Button 82567 Datasheet HTML 5Page - Intel Corporation 82567 Datasheet HTML 6Page - Intel Corporation 82567 Datasheet HTML 7Page - Intel Corporation 82567 Datasheet HTML 8Page - Intel Corporation 82567 Datasheet HTML 9Page - Intel Corporation 82567 Datasheet HTML 10Page - Intel Corporation 82567 Datasheet HTML 11Page - Intel Corporation 82567 Datasheet HTML 12Page - Intel Corporation 82567 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
Datasheet—82567
2.5
PHY Pins
2.5.1
LED Pins
Note:
Reference the following Application Notes for details regarding the programming of the LEDs and the
various modes.
• I/O Control Hub 9 NVM Map and Programming Information Application Notes
• I/O Control Hub 9M NVM Map and Programming Information Application Notes
• I/O Control Hub 10 NVM Map and Programming Information Application Notes
2.5.2
Analog Pins
2.5.3
Testability Pins
Signal Name
Pin
Type
Description
LED0
4
O
LED0
This signal is used for the programmable LED. It is programmed
through the Intel® ICH9/ICH10 NVM word 18h.
LED1
2
O
LED1
This signal is used for the programmable LED. It is programmed
through the Intel® ICH9/ICH10 NVM word 17h.
LED2
1
O
LED2
This signal is used for the programmable LED. It is programmed
through the Intel® ICH9/ICH10 NVM word 18h.
Signal Name
Pins
Type
Description
MDI_PLUS[0]
MDI_MINUS[0]
27
26
A
Media Dependent Interface [0]
In MDI configuration, MDI_PLUS[0]+/- is used for the transmit pair
and in MDI-X configuration MDI_MINUS[0]+/- is used for the
receive pair.
MDI_PLUS[1]
MDI_MINUS[1]
23
22
A
Media Dependent Interface [1]
In MDI configuration, MDI_PLUS[1]+/- is used for the receive pair
and in MDI-X configuration MDI_MINUS[1]+/- is used for the
transmit pair.
MDI_PLUS[2]
MDI_MINUS[2]
MDI_PLUS[3]
MDI_MINUS[3]
21
20
17
16
A
Media Dependent Interface [2:3]
For 1000BASE-T MDI configuration, MDI_PLUS[2:3]+/- is used for
the receive pair and in MDI-X configuration MDI_MINUS[2:3]+/- is
used for the transmit pair.
Signal Name
Pin
Type
Description
JTAG_TCK
40
I
JTAG Clock Input
JTAG_TDI
7
I/PU
JTAG TDI Input
JTAG_TDO
6
T/s
JTAG TDO Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com