Electronic Components Datasheet Search
  English  ▼

X  

345 Datasheet(PDF) 17 Page - Intel Corporation

Part # 345
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

345 Datasheet(HTML) 17 Page - Intel Corporation

Back Button 345 Datasheet HTML 13Page - Intel Corporation 345 Datasheet HTML 14Page - Intel Corporation 345 Datasheet HTML 15Page - Intel Corporation 345 Datasheet HTML 16Page - Intel Corporation 345 Datasheet HTML 17Page - Intel Corporation 345 Datasheet HTML 18Page - Intel Corporation 345 Datasheet HTML 19Page - Intel Corporation 345 Datasheet HTML 20Page - Intel Corporation 345 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
Datasheet
17
Electrical Specifications
2.4
Voltage Identification
The VID specification for the Celeron D processor is supported by the applicable VRD design
guide. The voltage set by the VID pins is the maximum voltage allowed by the processor. A
minimum voltage is provided in Table 2-8 and changes with frequency. This allows processors
running at a higher frequency to have a relaxed minimum voltage specification. The specifications
have been set such that one voltage regulator can work with all supported frequencies.
Individual processor VID values may be calibrated during manufacturing such that two devices at
the same speed may have different VID settings.
The Celeron D processor uses six voltage identification pins, VID[5:0], to support automatic
selection of power supply voltages. Table 2-2 specifies the voltage level corresponding to the state
of VID[5:0]. A ‘1’ in this table refers to a high voltage level and a ‘0’ refers to low voltage level. If
the processor socket is empty (VID[5:0] = x11111), or the voltage regulation circuit cannot supply
the voltage that is requested, it must disable itself. See the applicable VRD design guide for more
details.
Power source characteristics must be guaranteed to be stable whenever the supply to the voltage
regulator is stable.
The Celeron D processor’s Voltage Identification circuit requires an independent 1.2 V supply and
some other power sequencing considerations.
Table 2-2. Voltage Identification Definition
VID5
VID4
VID3
VID2
VID1
VID0
VID
VID5
VID4
VID3
VID2
VID1
VID0
VID
101001
0.850
111001
1.225
101000
0.875
111000
1.250
100111
0.900
110111
1.275
100110
0.925
110110
1.300
100101
0.950
110101
1.325
100100
0.975
110100
1.350
100011
1.000
110011
1.375
100010
1.025
110010
1.400
100001
1.050
110001
1.425
100000
1.075
110000
1.450
111111
VR output
off
101111
1.475
111110
1.100
101110
1.500
111101
1.125
101101
1.525
111100
1.150
101100
1.550
111011
1.175
101011
1.575
111010
1.200
101010
1.600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com