Electronic Components Datasheet Search
  English  ▼

X  

345 Datasheet(PDF) 61 Page - Intel Corporation

Part # 345
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

345 Datasheet(HTML) 61 Page - Intel Corporation

Back Button 345 Datasheet HTML 57Page - Intel Corporation 345 Datasheet HTML 58Page - Intel Corporation 345 Datasheet HTML 59Page - Intel Corporation 345 Datasheet HTML 60Page - Intel Corporation 345 Datasheet HTML 61Page - Intel Corporation 345 Datasheet HTML 62Page - Intel Corporation 345 Datasheet HTML 63Page - Intel Corporation 345 Datasheet HTML 64Page - Intel Corporation 345 Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 82 page
background image
Datasheet
61
Pin Listing and Signal Descriptions
§
VCC
Input
VCC are the power pins for the processor. The voltage supplied to these pins is
determined by the VID[5:0] pins.
VCCA
Input
VCCA provides isolated power for the internal processor core PLLs. Refer to the
applicable chipset platform design guide for complete implementation details.
VCCIOPLL
Input
VCCIOPLL provides isolated power for internal processor FSB PLLs. Follow the
guidelines for VCCA, and refer to the applicable chipset platform design guide
for complete implementation details.
VCC_SENSE
Output
VCC_SENSE is an isolated low impedance connection to processor core power
(VCC). It can be used to sense or measure voltage near the silicon with little
noise.
VCCVID
Input
1.2 V is required to be supplied to the VCCVID pin if the platform is going to
support the Celeron D processor. Refer to the applicable chipset platform design
guide for more information.
VCCVIDLB
Input
1.2 V is required to be supplied to the VCCVIDLB pin if the platform is going to
support the Celeron D processor. Refer to the applicable chipset platform design
guide for more information.
VID[5:0]
Output
VID[5:0] (Voltage ID) pins are used to support automatic selection of power
supply voltages (VCC). These are open drain signals that are driven by the
Celeron D processor and must be pulled up to 3.3 V with 1 k
Ω 5% resistors. The
voltage supply for these pins must be valid before the VR can supply VCC to the
processor. Conversely, the VR output must be disabled until the voltage supply
for the VID pins becomes valid. The VID pins are needed to support the
processor voltage specification variations. See Table 2-2 for definitions of these
pins. The VR must supply the voltage that is requested by the pins, or disable
itself.
VIDPWRGD
Input
The processor requires this input to determine that the VCCVID and VCCVIDLB
voltages are stable and within specification.
VSS
Input
VSS are the ground pins for the processor and should be connected to the
system ground plane.
VSSA
Input
VSSA is the isolated ground for internal PLLs.
VSS_SENSE
Output
VSS_SENSE is an isolated low impedance connection to processor core VSS. It
can be used to sense or measure ground near the silicon with little noise.
Table 4-3. Signal Description (Sheet 8 of 8)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com