Electronic Components Datasheet Search
  English  ▼

X  

345 Datasheet(PDF) 56 Page - Intel Corporation

Part # 345
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

345 Datasheet(HTML) 56 Page - Intel Corporation

Back Button 345 Datasheet HTML 52Page - Intel Corporation 345 Datasheet HTML 53Page - Intel Corporation 345 Datasheet HTML 54Page - Intel Corporation 345 Datasheet HTML 55Page - Intel Corporation 345 Datasheet HTML 56Page - Intel Corporation 345 Datasheet HTML 57Page - Intel Corporation 345 Datasheet HTML 58Page - Intel Corporation 345 Datasheet HTML 59Page - Intel Corporation 345 Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 82 page
background image
56
Datasheet
Pin Listing and Signal Descriptions
D[63:0]#
Input/
Output
D[63:0]# (Data) are the data signals. These signals provide a 64-bit data path
between the processor FSB agents, and must connect the appropriate pins on
all such agents. The data driver asserts DRDY# to indicate a valid data transfer.
D[63:0]# are quad-pumped signals and will thus be driven four times in a
common clock period. D[63:0]# are latched off the falling edge of both
DSTBP[3:0]# and DSTBN[3:0]#. Each group of 16 data signals correspond to a
pair of one DSTBP# and one DSTBN#. The following table shows the grouping
of data signals to data strobes and DBI#.
Furthermore, the DBI# pins determine the polarity of the data signals. Each
group of 16 data signals corresponds to one DBI# signal. When the DBI# signal
is active, the corresponding data group is inverted and therefore sampled active
high.
DBI[3:0]#
Input/
Output
DBI[3:0]# (Data Bus Invert) are source synchronous and indicate the polarity of
the D[63:0]# signals.The DBI[3:0]# signals are activated when the data on the
data bus is inverted. If more than half the data bits, within a 16-bit group, would
have been asserted electrically low, the bus agent may invert the data bus
signals for that particular sub-phase for that 16-bit group.
DBR#
Output
DBR# (Debug Reset) is used only in processor systems where no debug port is
implemented on the system board. DBR# is used by a debug port interposer so
that an in-target probe can drive system reset. If a debug port is implemented in
the system, DBR# is a no connect in the system. DBR# is not a processor signal.
DBSY#
Input/
Output
DBSY# (Data Bus Busy) is asserted by the agent responsible for driving data on
the processor FSB to indicate that the data bus is in use. The data bus is
released after DBSY# is de-asserted. This signal must connect the appropriate
pins on all processor FSB agents.
DEFER#
Input
DEFER# is asserted by an agent to indicate that a transaction cannot be
guaranteed in-order completion. Assertion of DEFER# is normally the
responsibility of the addressed memory or Input/Output agent. This signal must
connect the appropriate pins of all processor FSB agents.
DP[3:0]#
Input/
Output
DP[3:0]# (Data Parity) provide parity protection for the D[63:0]# signals. They
are driven by the agent responsible for driving D[63:0]#, and must connect the
appropriate pins of all Celeron D processor FSB agents.
Table 4-3. Signal Description (Sheet 3 of 8)
Name
Type
Description
Quad-Pumped Signal Groups
Data Group
DSTBN#/
DSTBP#
DBI#
D[15:0]#
0
0
D[31:16]#
1
1
D[47:32]#
2
2
D[63:48]#
3
3
DBI[3:0] Assignment To Data Bus
Bus Signal
Data Bus Signals
DBI3#
D[63:48]#
DBI2#
D[47:32]#
DBI1#
D[31:16]#
DBI0#
D[15:0]#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com