Electronic Components Datasheet Search
  English  ▼

X  

345 Datasheet(PDF) 54 Page - Intel Corporation

Part # 345
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

345 Datasheet(HTML) 54 Page - Intel Corporation

Back Button 345 Datasheet HTML 50Page - Intel Corporation 345 Datasheet HTML 51Page - Intel Corporation 345 Datasheet HTML 52Page - Intel Corporation 345 Datasheet HTML 53Page - Intel Corporation 345 Datasheet HTML 54Page - Intel Corporation 345 Datasheet HTML 55Page - Intel Corporation 345 Datasheet HTML 56Page - Intel Corporation 345 Datasheet HTML 57Page - Intel Corporation 345 Datasheet HTML 58Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 82 page
background image
54
Datasheet
Pin Listing and Signal Descriptions
4.2
Alphabetical Signals Reference
Table 4-3. Signal Description (Sheet 1 of 8)
Name
Type
Description
A[35:3]#
Input/
Output
A[35:3]# (Address) define a 236-byte physical memory address space. In sub-
phase 1 of the address phase, these pins transmit the address of a transaction.
In sub-phase 2, these pins transmit transaction type information. These signals
must connect the appropriate pins of all agents on the Celeron® D processor
FSB. A[35:3]# are protected by parity signals AP[1:0]#. A[35:3]# are source
synchronous signals and are latched into the receiving buffers by ADSTB[1:0]#.
On the active-to-inactive transition of RESET#, the processor samples a subset
of the A[35:3]# pins to determine power-on configuration. See Section 6.1 for
more details.
A20M#
Input
If A20M# (Address-20 Mask) is asserted, the processor masks physical address
bit 20 (A20#) before looking up a line in any internal cache and before driving a
read/write transaction on the bus. Asserting A20M# emulates the 8086
processor's address wrap-around at the 1-MB boundary. Assertion of A20M# is
only supported in real mode.
A20M# is an asynchronous signal. However, to ensure recognition of this signal
following an Input/Output write instruction, it must be valid along with the TRDY#
assertion of the corresponding Input/Output Write bus transaction.
ADS#
Input/
Output
ADS# (Address Strobe) is asserted to indicate the validity of the transaction
address on the A[35:3]# and REQ[4:0]# pins. All bus agents observe the ADS#
activation to begin parity checking, protocol checking, address decode, internal
snoop, or deferred reply ID match operations associated with the new
transaction.
ADSTB[1:0]#
Input/
Output
Address strobes are used to latch A[35:3]# and REQ[4:0]# on their rising and
falling edges. Strobes are associated with signals as shown below.
AP[1:0]#
Input/
Output
AP[1:0]# (Address Parity) are driven by the request initiator along with ADS#,
A[35:3]#, and the transaction type on the REQ[4:0]#. A correct parity signal is
high if an even number of covered signals are low and low if an odd number of
covered signals are low. This allows parity to be high when all the covered
signals are high. AP[1:0]# should connect the appropriate pins of all Celeron D
processor FSB agents. The following table defines the coverage model of these
signals.
BCLK[1:0]
Input
The differential pair BCLK (Bus Clock) determines the FSB frequency. All
processor FSB agents must receive these signals to drive their outputs and latch
their inputs.
All external timing parameters are specified with respect to the rising edge of
BCLK0 crossing VCROSS.
Signals
Associated Strobe
REQ[4:0]#, A[16:3]#
ADSTB0#
A[35:17]#
ADSTB1#
Request Signals
Subphase 1
Subphase 2
A[35:24]#
AP0#
AP1#
A[23:3]#
AP1#
AP0#
REQ[4:0]#
AP1#
AP0#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com