Electronic Components Datasheet Search
  English  ▼

X  

540 Datasheet(PDF) 88 Page - Intel Corporation

Part # 540
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

540 Datasheet(HTML) 88 Page - Intel Corporation

Back Button 540 Datasheet HTML 84Page - Intel Corporation 540 Datasheet HTML 85Page - Intel Corporation 540 Datasheet HTML 86Page - Intel Corporation 540 Datasheet HTML 87Page - Intel Corporation 540 Datasheet HTML 88Page - Intel Corporation 540 Datasheet HTML 89Page - Intel Corporation 540 Datasheet HTML 90Page - Intel Corporation 540 Datasheet HTML 91Page - Intel Corporation 540 Datasheet HTML 92Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 96 page
background image
88
Datasheet
Features
6.2.4
Enhanced HALT Snoop or HALT Snoop State, Grant Snoop
State
The Enhanced HALT Snoop State is used in conjunction with the new Enhanced HALT state. If
Enhanced HALT state is not enabled in the BIOS, the default Snoop State entered will be the
HALT Snoop State. Refer to the sections below for details on HALT Snoop State, Grant Snoop
State and Enhanced HALT Snoop State.
6.2.4.1
HALT Snoop State, Grant Snoop State
The processor will respond to snoop transactions on the FSB while in Stop-Grant state or in HALT
Power Down state. During a snoop transaction, the processor enters the HALT:Grant Snoop state.
The processor will stay in this state until the snoop on the FSB has been serviced (whether by the
processor or another agent on the FSB). After the snoop is serviced, the processor will return to the
Stop-Grant state or HALT Power Down state, as appropriate.
6.2.4.2
Enhanced HALT Snoop State
The Enhanced HALT Snoop State is the default Snoop State when the Enhanced HALT state is
enabled via the BIOS. The processor will remain in the lower bus ratio and VID operating point of
the Enhanced HALT state.
While in the Enhanced HALT Snoop State, snoops are handled the same way as in the HALT
Snoop State. After the snoop is serviced the processor will return to the Enhanced HALT Power
Down state.
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com