Electronic Components Datasheet Search
  English  ▼

X  

540 Datasheet(PDF) 90 Page - Intel Corporation

Part # 540
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

540 Datasheet(HTML) 90 Page - Intel Corporation

Back Button 540 Datasheet HTML 86Page - Intel Corporation 540 Datasheet HTML 87Page - Intel Corporation 540 Datasheet HTML 88Page - Intel Corporation 540 Datasheet HTML 89Page - Intel Corporation 540 Datasheet HTML 90Page - Intel Corporation 540 Datasheet HTML 91Page - Intel Corporation 540 Datasheet HTML 92Page - Intel Corporation 540 Datasheet HTML 93Page - Intel Corporation 540 Datasheet HTML 94Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 96 page
background image
90
Datasheet
Boxed Processor Specifications
7.1
Mechanical Specifications
7.1.1
Boxed Processor Cooling Solution Dimensions
This section documents the mechanical specifications of the boxed Pentium 4 processor on 90 nm
process in the 775-land package. The boxed processor will be shipped with an unattached fan
heatsink. Figure 7-1 shows a mechanical representation of the boxed Pentium 4 processor in the
775-land package.
Clearance is required around the fan heatsink to ensure unimpeded airflow for proper cooling. The
physical space requirements and dimensions for the boxed processor with assembled fan heatsink
are shown in Figure 7-2 (side view), and Figure 7-3 (top view). The airspace requirements for the
boxed processor fan heatsink must also be incorporated into new baseboard and system designs.
Airspace requirements are shown in Figure 7-7 and Figure 7-8. Note that some figures have
centerlines shown (marked with alphabetic designations) to clarify relative dimensioning.
NOTES:
1. Diagram does not show the attached hardware for the clip design and is provided only as a mechanical
representation.
Figure 7-2. Space Requirements for the Boxed Processor (Side View)
Figure 7-3. Space Requirements for the Boxed Processor (Top View)
3.74
[95.0]
3.2
[81.3]
0.39
[10.0]
0.98
[25.0]
3.74
[95.0]
3.74
[95.0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com