Electronic Components Datasheet Search
  English  ▼

X  

540 Datasheet(PDF) 32 Page - Intel Corporation

Part # 540
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

540 Datasheet(HTML) 32 Page - Intel Corporation

Back Button 540 Datasheet HTML 28Page - Intel Corporation 540 Datasheet HTML 29Page - Intel Corporation 540 Datasheet HTML 30Page - Intel Corporation 540 Datasheet HTML 31Page - Intel Corporation 540 Datasheet HTML 32Page - Intel Corporation 540 Datasheet HTML 33Page - Intel Corporation 540 Datasheet HTML 34Page - Intel Corporation 540 Datasheet HTML 35Page - Intel Corporation 540 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 96 page
background image
32
Datasheet
Electrical Specifications
Table 2-13. PWRGOOD and TAP Signal Group DC Specifications
Symbol
Parameter
Min
Max
Unit
Notes1, 2
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
All outputs are open drain.
VHYS
Input Hysteresis
200
350
mV
3
3.
VHYS represents the amount of hysteresis, nominally centered about 0.5 * VTT, for all TAP inputs.
VT+
Input low to high
threshold voltage
0.5 * (VTT + VHYS_MIN)
0.5 * (VTT + VHYS_MAX)V
4
4.
The VTT referred to in these specifications refers to instantaneous VTT.
VT-
Input high to low
threshold voltage
0.5 * (VTT – VHYS_MAX)
0.5 * (VTT – VHYS_MIN)V
4
VOH
Output High Voltage
N/A
VTT
V
4
IOL
Output Low Current
—
45
mA
5
5.
The maximum output current is based on maximum current handling capability of the buffer and is not specified into the test
load.
ILI
Input Leakage Current
—
± 200
µA
6
6.
Leakage to VSS with land held at VTT.
ILO
Output Leakage Current
—
± 200
µA
-
RON
Buffer On Resistance
7
12
Ω
-
Table 2-14. VTTPWRGD DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VIL
Input Low Voltage
—
—
0.3
V
VIH
Input High Voltage
0.9
—
—
V
Table 2-15. BSEL [2:0] and VID[5:0] DC Specifications
Symbol
Parameter
Max
Unit
Notes1, 2
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
These parameters are not tested and are based on design simulations.
R
ON (BSEL)
Buffer On Resistance
60
Ω
—
R
ON (VID)
Buffer On Resistance
60
Ω
—
IOL
Max Land Current
8
mA
—
ILO
Output Leakage Current
200
µA
3
3.
Leakage to VSS with land held at 2.5 V.
VTOL
Voltage Tolerance
VTT (max)
V
—
Table 2-16. BOOTSELECT DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes
V
IL
Input Low Voltage
—
—
0.24
V
1
NOTES:
1.
These parameters are not tested and are based on design simulations.
V
IH
Input High Voltage
0.96
—
—
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com