Electronic Components Datasheet Search
  English  ▼

X  

540 Datasheet(PDF) 9 Page - Intel Corporation

Part # 540
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

540 Datasheet(HTML) 9 Page - Intel Corporation

Back Button 540 Datasheet HTML 5Page - Intel Corporation 540 Datasheet HTML 6Page - Intel Corporation 540 Datasheet HTML 7Page - Intel Corporation 540 Datasheet HTML 8Page - Intel Corporation 540 Datasheet HTML 9Page - Intel Corporation 540 Datasheet HTML 10Page - Intel Corporation 540 Datasheet HTML 11Page - Intel Corporation 540 Datasheet HTML 12Page - Intel Corporation 540 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
Datasheet
9
Contents
Intel® Pentium® 4 Processors 570/571,
560/561, 550/551, 540/541, 530/531, and
520/521
The Intel® Pentium® 4 processor family supporting Hyper-Threading Technology1 (HT Technology) delivers
Intel's advanced, powerful processors for desktop PCs and entry-level workstations that are based on the Intel
NetBurst® microarchitecture. The Pentium 4 processor is designed to deliver performance across applications and
usages where end-users can truly appreciate and experience the performance. These applications include Internet
audio and streaming video, image processing, video content creation, speech, 3D, CAD, games, multimedia, and
multitasking user environments. Intel® Extended Memory 64 Technology enables the Intel® Pentium® processor to
execute operating systems and applications written to take advange of the Intel EM64TΦ.
§
• Available at 3.80 GHz, 3.60 GHz, 3.40 GHz,
3.20 GHz, 3 GHz, and 2.80 GHz
• Supports Hyper-Threading Technology1
(HT Technology) for all frequencies with
800 MHz front side bus (FSB)
• Intel® Pentium® 4 processors 571, 561, 551, 541,
531, and 521 support Intel® Extended Memory 64
Technology (EM64T)Φ
• Supports Execute Disable Bit capability
• Binary compatible with applications running on
previous members of the Intel microprocessor line
• Intel NetBurst® microarchitecture
• FSB frequency at 800 MHz
• Hyper-Pipelined Technology
• Advance Dynamic Execution
• Very deep out-of-order execution
• Enhanced branch prediction
• Optimized for 32-bit applications running on
advanced 32-bit operating systems
• 16-KB Level 1 data cache
• 1-MB Advanced Transfer Cache (on-die, full-
speed Level 2 (L2) cache) with 8-way associativity
and Error Correcting Code (ECC)
• 144 Streaming SIMD Extensions 2 (SSE2)
instructions
• 13 Streaming SIMD Extensions 3 (SSE3)
instructions
• Enhanced floating point and multimedia unit for
enhanced video, audio, encryption, and 3D
performance
• Power Management capabilities
• System Management mode
• Multiple low-power states
• 8-way cache associativity provides improved
cache hit rate on load/store operations
• 775-land Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com