Electronic Components Datasheet Search
  English  ▼

X  

LTM8031 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM8031
Description  Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8031 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM8031 Datasheet HTML 5Page - Linear Technology LTM8031 Datasheet HTML 6Page - Linear Technology LTM8031 Datasheet HTML 7Page - Linear Technology LTM8031 Datasheet HTML 8Page - Linear Technology LTM8031 Datasheet HTML 9Page - Linear Technology LTM8031 Datasheet HTML 10Page - Linear Technology LTM8031 Datasheet HTML 11Page - Linear Technology LTM8031 Datasheet HTML 12Page - Linear Technology LTM8031 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTM8031
9
8031fa
APPLICATIONS INFORMATION
Table 1. Recommended Component Values and Configuration (See Typical Performance Characteristics for Load Conditions)
VIN
VOUT
CIN
COUT
RADJ
BIAS
fOPTIMAL
RT(OPTIMAL)
fMAX
RT(MIN)
3.6V to 36V
0.82V
1μF 0805 50V
2
× 100μF 1206 6.3V
5.11M
≥2.8V, <25V
250kHz
150k
250kHz
150k
3.6V to 36V
1.20V
1μF 0805 50V
100μF//47μF 1206 6.3V
475k
≥2.8V, <25V
300kHz
124k
325kHz
113k
3.6V to 36V
1.80V
1μF 0805 50V
100μF 1206
191k
≥2.8V, <25V
420kHz
84.5k
450kHz
78.7k
3.6V to 36V
2.00V
1μF 0805 50V
100μF 1206
162k
≥2.8V, <25V
450kHz
78.7k
475kHz
73.2k
3.6V to 36V
2.50V
1μF 0805 50V
47μF 0805 6.3V
115k
≥2.8V, <25V
550kHz
61.9k
575kHz
59.0k
4.75V to 36V
3.30V
1μF 0805 50V
22μF 1206 6.3V
78.7k
AUX
675kHz
48.7k
725kHz
44.2k
6.8V to 36V
5.00V
1μF 0805 50V
10μF 1206 6.3V
46.4k
AUX
975kHz
29.4k
1000kHz
28.0k
10.5V to 36V
8.00V
1μF 0805 50V
4.7μF 1206 10V
26.7k
AUX
1200kHz
23.7k
1600kHz
15.8k
13V to 36V
10.00V
1μF 0805 50V
4.7μF 0805 16V
21.0k
AUX
1250kHz
22.6k
2050kHz
10.5k
3.6V to 15V
0.82V
1μF 0805 50V
2
× 100μF 1206 6.3V
5.11M
VIN
500kHz
69.8k
600kHz
56.2k
3.6V to 15V
1.20V
1μF 0805 50V
100μF 1206 6.3V
475k
VIN
600kHz
56.2k
750kHz
42.2k
3.6V to 15V
1.80V
1μF 0805 50V
100μF 1206
191k
VIN
650kHz
51.1k
1000kHz
28.0k
3.6V to 15V
2.00V
1μF 0805 50V
100μF 1206
162k
VIN
650kHz
51.1k
1100kHz
26.7k
3.6V to 15V
2.50V
1μF 0805 50V
47μF 0805 6.3V
115k
VIN
700kHz
47.5k
1350kHz
20.5k
4.75V to 15V
3.30V
1μF 0805 50V
22μF 1206 6.3V
78.7k
AUX
950kHz
32.4k
1650kHz
15.0k
6.8V to 15V
5.00V
1μF 0805 50V
10μF 1206 6.3V
46.4k
AUX
1150kHz
25.5k
2400kHz
7.87k
10.5V to 15V
8.00V
1μF 0805 50V
4.7μF 1206 10V
26.7k
AUX
1200kHz
23.7k
2400kHz
7.87k
9V to 24V
0.82V
1μF 0805 50V
2
× 100μF 1206 6.3V
5.11M
≥2.8V, <25V
350kHz
105k
375kHz
93.1k
9V to 24V
1.20V
1μF 0805 50V
100μF//47μF 1206 6.3V
475k
≥2.8V, <25V
450kHz
78.7k
475kHz
73.2k
9V to 24V
1.80V
1μF 0805 50V
100μF 1206
191k
≥2.8V, <25V
600kHz
56.2k
650kHz
51.1k
9V to 24V
2.00V
1μF 0805 50V
100μF 1206
162k
≥2.8V, <25V
650kHz
51.1k
700kHz
47.5k
9V to 24V
2.50V
1μF 0805 50V
47μF 0805 6.3V
115k
≥2.8V, <25V
700kHz
47.5k
850kHz
37.4k
9V to 24V
3.30V
1μF 0805 50V
22μF 1206 6.3V
78.7k
AUX
950kHz
32.4k
1050kHz
28.0k
9V to 24V
5.00V
1μF 0805 50V
10μF 1206 6.3V
46.4k
AUX
1150kHz
25.5k
1550kHz
16.5k
10.5V to 24V
8.00V
1μF 0805 50V
4.7μF 1206 10V
26.7k
AUX
1200kHz
23.7k
2400kHz
7.87k
13V to 24V
10.00V
1μF 0805 50V
4.7μF 0805 16V
21.0k
AUX
1250kHz
22.6k
2400kHz
7.87k
Note: An input bulk capacitor is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com