Electronic Components Datasheet Search
  English  ▼

X  

LTM8031 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM8031
Description  Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8031 Datasheet(HTML) 1 Page - Linear Technology

  LTM8031 Datasheet HTML 1Page - Linear Technology LTM8031 Datasheet HTML 2Page - Linear Technology LTM8031 Datasheet HTML 3Page - Linear Technology LTM8031 Datasheet HTML 4Page - Linear Technology LTM8031 Datasheet HTML 5Page - Linear Technology LTM8031 Datasheet HTML 6Page - Linear Technology LTM8031 Datasheet HTML 7Page - Linear Technology LTM8031 Datasheet HTML 8Page - Linear Technology LTM8031 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTM8031
1
8031fa
TYPICAL APPLICATION
DESCRIPTION
Ultralow Noise EMC 36V, 1A
DC/DC µModule Regulator
The LTM
®8031 is an electromagnetic compatible (EMC)
36V, 1A DC/DC μModule
® buck converter designed to
meet the radiated emissions requirements of EN55022.
Conducted emission requirements can be met by adding
standard filter components. Included in the package are the
switching controller, power switches, inductor, filters and
all support components. Operating over an input voltage
range of 3.6V to 36V, the LTM8031 supports an output
voltage range of 0.8V to 10V, and a switching frequency
range of 200kHz to 2.4MHz, each set by a single resistor.
Only the bulk input and output filter capacitors are needed
to finish the design. The low profile package (2.82mm)
enables utilization of unused space on the bottom of PC
boards for high density point of load regulation.
The LTM8031 is packaged in a thermally enhanced, compact
(9mm
×15mm)andlowprofile(2.82mm)overmoldedland
grid array (LGA) package suitable for automated assembly
by standard surface mount equipment. The LTM8031 is
RoHS compliant.
Ultralow Noise 5V/1A DC/DC μModule Regulator
FEATURES
APPLICATIONS
n Complete Step-Down Switch Mode Power Supply
n Wide Input Voltage Range: 3.6V to 36V
n 1A Output Current
n 0.8V to 10V Output Voltage
n Switching Frequency from 200kHz to 2.4MHz
n EN55022 Class B Compliant
n Current Mode Control
n (e4) RoHS Compliant Package with Gold Pad Finish
n Programmable Soft-Start
n Low Profile (9mm
× 15mm × 2.82mm)
Surface Mount LGA Package
n Automotive Battery Regulation
n Power for Portable Products
n Distributed Supply Regulation
n Industrial Supplies
n Wall Transformer Regulation
LTM8031 EMI Performance
L, LT, LTC, LTM, μModule, Linear Technology and the Linear logo are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
RT
SHARE
47.5k
44.2k
*RUNNING VOLTAGE RANGE.
SEE APPLICATIONS FOR START-UP DETAILS
VIN
FIN
1μF
10μF
VOUT
5V
1A
RUN/SS
VIN*
7VDC TO 36VDC
PGOOD
BIAS
LTM8031
AUX
OUT
SYNC GND
8031 TA01a
ADJ
FREQUENCY (MHz)
0
50
70
800
8031 TA01b
30
EN55022
CLASS B
LIMIT
10
40
60
80
20
0
–10
200
100
400
300
600 700
900
500
1000
VIN = 36V


Similar Part No. - LTM8031

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8031 LINER-LTM8031 Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM8031 LINER-LTM8031 Datasheet
347Kb / 20P
3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM8031 LINER-LTM8031 Datasheet
298Kb / 22P
Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8031 LINER-LTM8031 Datasheet
637Kb / 30P
EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
LTM8031EV#PBF LINER-LTM8031EV#PBF Datasheet
298Kb / 22P
Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
More results

Similar Description - LTM8031

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8022 LINER-LTM8022 Datasheet
246Kb / 20P
1A, 36V DC/DC 關Module
LTM4612 LINER-LTM4612 Datasheet
369Kb / 24P
Ultralow Noise 36VIN, 15VOUT, 5A, DC/DC 關Module
LTM8032 LINER-LTM8032 Datasheet
310Kb / 20P
Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
LTM4611 LINER-LTM4611 Datasheet
469Kb / 28P
Ultralow VIN, 15A DC/DC 關Module Regulator
LTM8033 LINER-LTM8033 Datasheet
274Kb / 24P
Ultralow Noise EMC 36VIN, 3A DC/DC 關Module Regulator
LTM4606 LINER-LTM4606_1 Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM8031 LINER-LTM8031_12 Datasheet
298Kb / 22P
Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8022 LINER-LTM8022_15 Datasheet
281Kb / 20P
1A, 36V DC/DC Module
LTM8031 LINER-LTM8031_15 Datasheet
302Kb / 22P
Ultralow Noise EMC 36V, 1A DC/DC Module Regulator
LTM8033 LINER-LTM8033_15 Datasheet
382Kb / 26P
Ultralow Noise EMC 36VIN, 3A DC/DC Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com