Electronic Components Datasheet Search
  English  ▼

X  

LTM8031 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8031
Description  Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8031 Datasheet(HTML) 4 Page - Linear Technology

  LTM8031 Datasheet HTML 1Page - Linear Technology LTM8031 Datasheet HTML 2Page - Linear Technology LTM8031 Datasheet HTML 3Page - Linear Technology LTM8031 Datasheet HTML 4Page - Linear Technology LTM8031 Datasheet HTML 5Page - Linear Technology LTM8031 Datasheet HTML 6Page - Linear Technology LTM8031 Datasheet HTML 7Page - Linear Technology LTM8031 Datasheet HTML 8Page - Linear Technology LTM8031 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTM8031
4
8031fa
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current vs Output Current,
3.3VOUT
Input Current vs Output Current,
5VOUT
Input Current vs Output Current,
8VOUT
Minimum VIN vs Output Current
2.5V VOUT
3.3VOUT Efficiency
5VOUT Efficiency
8VOUT Efficiency
TA = 25°C, unless otherwise noted.
Minimum VIN vs Output Current
3.3V VOUT
Minimum VIN vs Output Current
5V VOUT
OUTPUT CURRENT (mA)
0
40
50
60
70
80
90
100
200
400
600
800
8031 G01
1000
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (mA)
0
40
50
60
70
80
90
100
200
400
600
800
8031 G02
1000
12VIN
24VIN
36VIN
OUTPUT CURRENT (mA)
0
40
50
60
70
80
90
100
200
400
600
800
8031 G03
1000
12VIN
24VIN
36VIN
OUTPUT CURRENT (mA)
0
300
400
500
600
1000
8031 G04
200
100
0
200
400
800
600
700
800
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (mA)
0
300
400
500
800
8031 G05
200
100
250
350
450
150
50
0
200
400
600
1000
12VIN
24VIN
36VIN
OUTPUT CURRENT (mA)
0
300
400
500
600
1000
8031 G06
200
100
0
200
400
800
600
700
800
12VIN
24VIN
36VIN
OUTPUT CURRENT (mA)
0
4.0
4.2
4.4
600
1000
8031 G07
3.8
3.6
3.4
200
400
800
4.6
4.8
5.0
RUN/SS = VIN OR TOGGLED
RUNNING
OUTPUT CURRENT (mA)
0
5.1
5.6
6.1
800
8031 G08
4.6
4.1
3.6
200
400
600
1000
RUN/SS TOGGLED
RUN/SS = VIN
RUNNING
OUTPUT CURRENT (mA)
0
5.1
5.6
6.1
600
1000
8031 G09
4.6
4.1
3.6
200
400
800
6.6
7.1
7.6
RUN/SS = VIN
RUNNING OR RUN/SS TOGGLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com