Electronic Components Datasheet Search
  English  ▼

X  

LTM8031 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8031
Description  Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8031 Datasheet(HTML) 2 Page - Linear Technology

  LTM8031 Datasheet HTML 1Page - Linear Technology LTM8031 Datasheet HTML 2Page - Linear Technology LTM8031 Datasheet HTML 3Page - Linear Technology LTM8031 Datasheet HTML 4Page - Linear Technology LTM8031 Datasheet HTML 5Page - Linear Technology LTM8031 Datasheet HTML 6Page - Linear Technology LTM8031 Datasheet HTML 7Page - Linear Technology LTM8031 Datasheet HTML 8Page - Linear Technology LTM8031 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTM8031
2
8031fa
VIN, FIN, RUN/SS Voltage..........................................40V
ADJ, RT, SHARE Voltage.............................................5V
VOUT, AUX .................................................................10V
Current from AUX ................................................100mA
PGOOD, SYNC ..........................................................30V
BIAS..........................................................................25V
VIN + BIAS.................................................................56V
Maximum Junction Temperature (Note 2)............. 125°C
Solder Temperature (Note 3)................................. 245°C
(Note 1)
GND
1
A
B
C
BANK 1
BANK 2
BANK 3
D
E
F
G
H
J
K
L
234
TOP VIEW
LGA PACKAGE
71-LEAD (9mm
15mm
2.82mm)
567
VOUT
VIN
RT
SHARE
ADJ
PGOOD
SYNC
RUN/SS
FIN
BIAS
AUX
TJMAX = 125°C, θJA = 20.7°C/W, θJC(BOTTOM) = 8.4°C/W,
θJC(TOP) = 25.6°C/W, θJBOARD = 13.8°C/W
θ VALUES DETERMINED PER JESD 51-9
WEIGHT = 1.2g
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM8031EV#PBF
LTM8031EV#PBF
LTM8031V
71-Lead (9mm
× 15mm × 2.82mm) LGA
–40°C to 125°C
LTM8031IV#PBF
LTM8031IV#PBF
LTM8031V
71-Lead (9mm
× 15mm × 2.82mm) LGA
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com