Electronic Components Datasheet Search
  English  ▼

X  

LTM8061 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM8061
Description  32V, 2A 關Module Li-Ion/ Polymer Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8061 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM8061 Datasheet HTML 4Page - Linear Technology LTM8061 Datasheet HTML 5Page - Linear Technology LTM8061 Datasheet HTML 6Page - Linear Technology LTM8061 Datasheet HTML 7Page - Linear Technology LTM8061 Datasheet HTML 8Page - Linear Technology LTM8061 Datasheet HTML 9Page - Linear Technology LTM8061 Datasheet HTML 10Page - Linear Technology LTM8061 Datasheet HTML 11Page - Linear Technology LTM8061 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTM8061
8
8061f
PIN FUNCTIONS
RNG/SS (Pin H7): Charge Current Programming/Soft-
Start Pin. This pin allows the maximum charge current
to be reduced from the default 2A level, and can be used
to employ a soft-start function. This pin has an effective
range from 0V to 1V, with the maximum BAT charge cur-
rent determined by IBAT.
50μA is sourced from this pin, so the maximum charge
current can be programmed by connecting a resistor
(RRNG/SS) from RNG/SS to ground, and the maximum
battery charge current is:
IBAT = 2A • VRNG/SS
IBAT = 2A • 50μA • RRNG/SS
where RRNG/SS is less than or equal to 20kΩ. With the
RNG/SS pin left open, the charge current is 2A.
Soft-start functionality can be implemented by connect-
ing a capacitor (CRNG/SS) from RNG/SS to ground, such
that the time required to charge the capacitor to 1V (full
charge current) is the desired soft-start interval (tSS). With
no RRNG/SS resistor applied, this capacitor value follows
the relation:
CRNG/SS = 50μA • tSS
The RNG/SS pin is pulled low during fault conditions,
allowing graceful recovery from faults should soft-start
functionality be implemented. Both the soft-start capaci-
tor and the programming resistor can be implemented in
parallel. All C/10 monitoring functions are disabled while
VRNG/SS is below 0.1V to accommodate long soft-start
intervals.
RNG/SS voltage can also be manipulated using an active
device, employing a pull-down transistor to disable charge
current or to dynamically servo maximum charge current.
Manipulation of the RNG/SS pin with active devices that
have low impedance pull-up capability is not allowed (see
the Applications Information section).
FAULT (Pin J7): Open-Collector Fault Status Output. Typi-
cally pulled up through a resistor to a reference voltage.
This status pin can be pulled up to voltages as high as
VIN, and can sink currents up to 10mA. This pin indicates
charge cycle fault conditions during a battery charge cycle.
A temperature fault causes this pin to be pulled low. If the
internal timer is used for termination, a bad battery fault
also causes this pin to be pulled low. If no fault condi-
tions exist, the FAULT pin remains high impedance (see
the Applications Information section). If RUN is low, or
the LTM8061 is otherwise powered down, the state of the
FAULT pin is invalid.
TMR (Pin J6): End-Of-Cycle Timer Programming Pin.
If a timer-based charge termination is desired, connect
a capacitor from this pin to ground. Full charge end-of
cycle time (in hours) is programmed with this capacitor
following the equation:
tEOC = CTIMER • 4.4 • 106
A bad battery fault is generated if the battery does not
reach the precondition threshold voltage within one-eighth
of tEOC, or:
tPRE = CTIMER • 5.5 • 105
A 0.68μF capacitor is typically used, which generates a
timer EOC of three hours, and a precondition limit time of
22.5 minutes. If a timer-based termination is not desired,
the timer function is disabled by connecting the TMR pin
to ground. With the timer function disabled, charging
terminates when the charge current drops below a C/10
rate, or ICHG(MAX)/10.
RUN (Pin K6): Precision Threshold Enable Pin. The RUN
threshold is 1.20V (rising), with 120mV of input hystere-
sis. When in shutdown mode, all charging functions are
disabled. The precision threshold allows use of the RUN
pin to incorporate UVLO functions. If the RUN pin is pulled
below 0.4V, the μModule enters a low current shutdown
mode where the VIN pin current is reduced to 15μA. Typical
RUN pin input bias current is 1μA. If the shutdown function
is not desired, connect the pin to the VIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com