Electronic Components Datasheet Search
  English  ▼

X  

LTM8061 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM8061
Description  32V, 2A 關Module Li-Ion/ Polymer Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8061 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM8061 Datasheet HTML 12Page - Linear Technology LTM8061 Datasheet HTML 13Page - Linear Technology LTM8061 Datasheet HTML 14Page - Linear Technology LTM8061 Datasheet HTML 15Page - Linear Technology LTM8061 Datasheet HTML 16Page - Linear Technology LTM8061 Datasheet HTML 17Page - Linear Technology LTM8061 Datasheet HTML 18Page - Linear Technology LTM8061 Datasheet HTML 19Page - Linear Technology LTM8061 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTM8061
20
8061f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2010
LT 0910 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
Two Cell 2A Li-Ion Battery Charger with Thermistor, C/10
Termination and Reverse Input Protection
VINA
VINC/CLP
VIN
RUN
RNG/SS
TMR
NTC
BAT
BIAS
CHRG
FAULT
GND
8061 TA04
LTM8061-8.4
VIN
11.5V TO 32V
4.7μF
TWO
CELL
8.4V
BATTERY
+
t°
= 3380
THERMISTOR
PART NUMBER
DESCRIPTION
COMMENTS
LTM4600
10A DC/DC μModule Regulator
Basic 10A DC/DC μModule, 15mm
× 15mm × 2.8mm LGA
LTM4600HVMPV
Military Plastic 10A DC/DC μModule Regulator
–55°C to 125°C Operation, 15mm
× 15mm × 2.8mm LGA
LTM4601/
LTM4601A
12A DC/DC μModule Regulator with PLL, Output
Tracking/Margining and Remote VOUT Sensing
Synchronizable, PolyPhase
® Operation, LTM4601-1 Version Has No Remote
Sensing
LTM4602
6A DC/DC μModule Regulator
Pin Compatible with the LTM4600
LTM4603
6A DC/DC μModule Regulator with PLL and Output
Tracking/Margining and Remote VOUT Sensing
Synchronizable, PolyPhase Operation, LTM4603-1 Version Has No Remote
Sensing, Pin Compatible with the LTM4601
LTM4604
4A Low VIN DC/DC μModule Regulator
2.375V ≤ VIN ≤ 5V, 0.8V ≤ VOUT ≤ 5V, 9mm × 15mm × 2.3mm LGA
LTM4608
8A Low VIN DC/DC μModule Regulator
2.375V ≤ VIN ≤ 5V, 0.8V ≤ VOUT ≤ 5V, 9mm × 15mm × 2.8mm LGA
LTM8020
200mA, 36V DC/DC μModule Regulator
Fixed 450kHz Frequency, 1.25V ≤ VOUT ≤ 5V, 6.25mm × 6.25mm × 2.32mm LGA
LTM8022
1A, 36V DC/DC μModule Regulator
Adjustable Frequency, 0.8V ≤ VOUT ≤ 5V, 9mm × 11.25mm × 2.82mm LGA,
Pin Compatible to the LTM8023
LTM8023
2A, 36V DC/DC μModule Regulator
Adjustable Frequency, 0.8V ≤ VOUT ≤ 5V, 9mm × 11.25mm × 2.82mm LGA,
Pin Compatible to the LTM8022
LTM8025
3A, 36V DC/DC μModule Regulator
0.8V ≤ VOUT ≤ 24V, 9mm × 15mm × 4.32mm LGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com