Electronic Components Datasheet Search
  English  ▼

X  

LTM8061 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM8061
Description  32V, 2A 關Module Li-Ion/ Polymer Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8061 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM8061 Datasheet HTML 8Page - Linear Technology LTM8061 Datasheet HTML 9Page - Linear Technology LTM8061 Datasheet HTML 10Page - Linear Technology LTM8061 Datasheet HTML 11Page - Linear Technology LTM8061 Datasheet HTML 12Page - Linear Technology LTM8061 Datasheet HTML 13Page - Linear Technology LTM8061 Datasheet HTML 14Page - Linear Technology LTM8061 Datasheet HTML 15Page - Linear Technology LTM8061 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTM8061
12
8061f
APPLICATIONS INFORMATION
VIN Input Supply
The LTM8061 is biased directly from the charger input
supply through the VIN pin. This pin carries large switched
currents, so a high quality, low ESR decoupling capacitor
is recommended to minimize voltage glitches on VIN. A
4.7μF capacitor is typically adequate for most charger
applications.
Reverse Protection Diode
The LTM8061 integrates a high voltage power Schottky
diode to provide input reverse voltage protection. The
anode of this diode is connected to VINA, and the cathode
is connected to VIN. There is a small amount of capacitance
at each end; please see the Block Diagram.
BIAS Pin Considerations
The BIAS pin is used to provide drive power for the internal
power switching stage and operate other internal circuitry.
For proper operation, it must be powered by at least 2.9V
and no more than the absolute maximum rating of 10V. In
most applications, connect BIAS to BAT.
When charging a 2-cell battery using a relatively high input
voltage, the LTM8061 power dissipation can be reduced
by connecting BIAS to a 3.3V source.
BAT Decoupling Capacitance
In many applications, the internal BAT capacitance of the
LTM8061 is sufficient for proper operation. There are cases,
however, where it may be necessary to add capacitance or
otherwise modify the output impedance of the LTM8061.
Case 1: the μModule charger is physically located far from
the battery and the added line impedance may interfere with
the control loop. Case 2: the battery ESR is very small or
very large; the LTM8061 controller is designed for a wide
range, but some battery packs have an ESR outside of this
range. Case 3: there is no battery at all. As the charger is
designed to work with the ESR of the battery, the output
may oscillate if no battery is present.
VIN
VINC/CLP
8061 F03
LTM8061
INPUT SUPPLY
SYSTEM LOAD
RCLP
Figure 3. RCLP Sets the Input Supply Current Limit
The optimum ESR is about 100mΩ, but ESR values both
higher and lower will work. Table 1 shows a sample of
parts verified by Linear Technology:
Table 1. Recommended BAT Capacitors
PART NUMBER
DESCRIPTION
MANUFACTURER
16TQC22M
22μF, 16V, POSCAP
Sanyo
35SVPD18M
18μF, 35V, OS-CON
Sanyo
TPSD226M025R0100
22μF, 25V Tantalum
AVX
T495D226K025AS
22μF, 25V, Tantalum
Kemet
TPSC686M006R0150
68μF, 6V, Tantalum
AVX
TPSB476M006R0250
47μF, 6V, Tantalum
AVX
APXE100ARA680ME61G
68μF, 10V Aluminum
Nippon Chemicon
APS-150ELL680MHB5S
68μF, 25V Aluminum
Nippon Chemicon
If system constraints preclude the use of electrolytic ca-
pacitors, a series R-C network may be used. Use a ceramic
capacitor of at least 22μF and an equivalent resistance of
100mΩ.
CLP: Input Current Limit
The LTM8061 contains a PowerPath™ control feature to
support multiple load systems. The charger adjusts charge
current in response to a system load if input supply current
exceeds the programmed maximum value. Maximum input
supply current is set by connecting a sense resistor (RCLP)
as shown in Figure 3. The LTM8061 begins to limit the
charge current when the voltage across the sense resistor
is 50mV. The maximum input current is defined by:
RCLP = 0.05/(Max Input Current)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com