Electronic Components Datasheet Search
  English  ▼

X  

LTM8061 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM8061
Description  32V, 2A 關Module Li-Ion/ Polymer Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8061 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM8061 Datasheet HTML 7Page - Linear Technology LTM8061 Datasheet HTML 8Page - Linear Technology LTM8061 Datasheet HTML 9Page - Linear Technology LTM8061 Datasheet HTML 10Page - Linear Technology LTM8061 Datasheet HTML 11Page - Linear Technology LTM8061 Datasheet HTML 12Page - Linear Technology LTM8061 Datasheet HTML 13Page - Linear Technology LTM8061 Datasheet HTML 14Page - Linear Technology LTM8061 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTM8061
11
8061f
8061 F01
BATTERY VOLTAGE
BATTERY CHARGE
CURRENT
RUN
CHRG
FAULT
MAXIMUM CHARGE CURRENT
PRECONDITION CURRENT
C/10
0 AMPS
FLOAT VOLTAGE
RECHARGE THRESHOLD
PRECONDITION THRESHOLD
1
0
1
0
0
1
APPLICATIONS INFORMATION
8061 F02
BATTERY VOLTAGE
BATTERY CHARGE
CURRENT
RUN
CHRG
FAULT
MAXIMUM CHARGE CURRENT
PRECONDITION CURRENT
C/10 CURRENT
AUTOMATIC
RESTART
FLOAT VOLTAGE
RECHARGE THRESHOLD
PRECONDITION THRESHOLD
1
0
1
0
0
< tEOC/8
tEOC
1
Figure 1. Typical C/10 Terminated Charge Cycle (TMR Grounded, Time Not to Scale)
Figure 2. Typical EOC (Timer-Based) Terminated Charge Cycle (Capacitor Connected to TMR, Time Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com