Electronic Components Datasheet Search
  English  ▼

X  

LTM8062 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM8062
Description  32VIN, 2A 關Module Power Tracking Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8062 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM8062 Datasheet HTML 5Page - Linear Technology LTM8062 Datasheet HTML 6Page - Linear Technology LTM8062 Datasheet HTML 7Page - Linear Technology LTM8062 Datasheet HTML 8Page - Linear Technology LTM8062 Datasheet HTML 9Page - Linear Technology LTM8062 Datasheet HTML 10Page - Linear Technology LTM8062 Datasheet HTML 11Page - Linear Technology LTM8062 Datasheet HTML 12Page - Linear Technology LTM8062 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTM8062
9
8062f
OPERATION
8062 F01
BATTERY VOLTAGE
BATTERY CHARGE
CURRENT
RUN
CHRG
FAULT
MAXIMUM CHARGE CURRENT
PRECONDITION CURRENT
C/10
0 AMPS
FLOAT VOLTAGE
RECHARGE THRESHOLD
PRECONDITION THRESHOLD
1
0
1
0
0
1
Figure 1. Typical C/10 Terminated Charge Cycle (TMR Grounded, Time Not to Scale)
Figure 2. Typical EOC (Timer-Based) Terminated Charge Cycle
(Capacitor Connected to TMR, Time Not to Scale)
8062 F02
BATTERY VOLTAGE
BATTERY CHARGE
CURRENT
RUN
CHRG
FAULT
MAXIMUM CHARGE CURRENT
PRECONDITION CURRENT
C/10 CURRENT
AUTOMATIC
RESTART
FLOAT VOLTAGE
RECHARGE THRESHOLD
PRECONDITION THRESHOLD
1
0
1
0
0
< tEOC/8
tEOC
1
which termination scheme is used. When the timer-based
scheme is used, the LTM8062 also supports bad battery
detection, which triggers a system fault if a battery stays
in precondition mode for more than one-eighth of the total
programmed charge cycle time.
Once charging terminates and the LTM8062 is not actively
charging, the charger automatically enters a low current
standby mode in which supply bias currents are reduced
to 85μA. If the battery voltage drops 2.5% from the full
charge float voltage, the LTM8062 engages an automatic
charge cycle restart. The IC also automatically restarts a
new charge cycle after a bad-battery fault once the failed
battery is removed and replaced with another battery.
The LTM8062 contains a battery temperature monitoring
circuit. This feature, using a thermistor, monitors battery
temperature and will not allow charging to begin, or will
suspend charging, and signal a fault condition if the bat-
tery temperature is outside a safe charging range. The
LTM8062 contains two digital open-collector outputs,
CHRG and FAULT, which provide charger status and signal
fault conditions. These binary coded pins signal battery
charging, standby or shutdown modes, battery temperature
faults and bad battery faults. For reference, C/10 and TMR
based charging cycles are shown in Figures 1 and 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com