Electronic Components Datasheet Search
  English  ▼

X  

LTM8062 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM8062
Description  32VIN, 2A 關Module Power Tracking Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8062 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM8062 Datasheet HTML 7Page - Linear Technology LTM8062 Datasheet HTML 8Page - Linear Technology LTM8062 Datasheet HTML 9Page - Linear Technology LTM8062 Datasheet HTML 10Page - Linear Technology LTM8062 Datasheet HTML 11Page - Linear Technology LTM8062 Datasheet HTML 12Page - Linear Technology LTM8062 Datasheet HTML 13Page - Linear Technology LTM8062 Datasheet HTML 14Page - Linear Technology LTM8062 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTM8062
11
8062f
APPLICATIONS INFORMATION
circuitry. For proper operation, it must be powered by at
least 2.8V and no more than the absolute maximum rat-
ing of 10V. In most applications, connect BIAS to BAT. If
there is no BIAS supply available or the battery voltage is
below 2.8V, the internal switch requires more headroom
from VIN for proper operation. Please refer to the Typical
Performance Characteristics curves for minimum start and
running requirements under various battery conditions.
When charging a 2-cell battery using a relatively high input
voltage, the LTM8062 power dissipation can be reduced by
connecting BIAS to a voltage between 2.8V and 3.3V.
Output Capacitance
In many applications, the internal BAT capacitance of the
LTM8062 is sufficient for proper operation. There are cases,
however, where it may be necessary to add capacitance or
otherwise modify the output impedance of the LTM8062.
Case 1: the μModule is physically located far from the
battery and the added line impedance may interfere with
the control loop. Case 2: the battery ESR is very small or
very large; the LTM8062 controller is designed for a wide
range, but some battery packs have an ESR outside of this
range. Case 3: there is no battery at all. As the charger is
designed to work with the ESR of the battery, the output
may oscillate if no battery is present.
The optimum ESR is about 100mΩ, but ESR values both
higher and lower will work. Table 2 shows a sample of
parts successfully tested by Linear Technology:
Table 2
PART NUMBER
DESCRIPTION
MANUFACTURER
16TQC22M
22μF, 16V, POSCAP
Sanyo
35SVPD18M
18μF, 35V, OS-CON
Sanyo
TPSD226M025R0100
22μF, 25V Tantalum
AVX
T495D226K025AS
22μF, 25V, Tantalum
Kemet
TPSC686M006R0150
68μF, 6V, Tantalum
AVX
TPSB476M006R0250
47μF, 6V, Tantalum
AVX
APXE100ARA680ME61G
68μF, 10V Aluminum
Nippon Chemicon
APS-150ELL680MHB5S
68μF, 25V Aluminum
Nippon Chemicon
If system constraints preclude the use of electrolytic ca-
pacitors, a series R-C network may be used. Use a ceramic
capacitor of at least 22μF and an equivalent resistance of
100mΩ. An example of this is shown in the Typical Ap-
plications section.
MPPT Temperature Compensation
A typical solar panel is comprised of a number of series-con-
nected cells, each cell being a forward-biased p-n junction.
As such, the open-circuit voltage (VOC) of a solar cell has
a temperature coefficient that is similar to a common p-n
diode, or about –2mV/°C. The peak power point voltage
(VMP) for a crystalline solar panel can be approximated as
a fixed voltage below VOC, so the temperature coefficient
for the peak power point is similar to that of VOC.
Panel manufacturers typically specify the 25°C values for
VOC, VMP, and the temperature coefficient for VOC, making
determination of the temperature coefficient for VMP of
a typical panel straight forward. The LTM8062 employs
a feedback network to program the VIN input regulation
voltage. Manipulation of the network makes for efficient
implementation of various temperature compensation
schemes for a maximum peak power tracking (MPPT)
application. As the temperature characteristic for a typical
solar panel VMP voltage is highly linear, a simple solution
for tracking that characteristic can be implemented using a
Linear Technology LM234 3-terminal temperature sensor.
This creates an easily programmable, linear temperature
dependent characteristic.
In the circuit shown in Figure 4,
RIN1 = –RSET •(TC • 4405), and
RIN2 =
RIN1
VMP(25°C)+RIN1 •(0.0674 / RSET)
VINREG − 1
where TC = temperature coefficient (in V/°C), and
VMP(25°C) = maximum power voltage at 25°C.
Figure 4. MPPT Temperature Compensation Network
VINREG
8062 F04
LTM8062
LINEAR
TECHNOLOGY
LM234
RIN1
RIN2
VIN
VIN
V+
V–
R
RSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com