Electronic Components Datasheet Search
  English  ▼

X  

LTM8062 Datasheet(PDF) 17 Page - Linear Technology

Part # LTM8062
Description  32VIN, 2A 關Module Power Tracking Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8062 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM8062 Datasheet HTML 12Page - Linear Technology LTM8062 Datasheet HTML 13Page - Linear Technology LTM8062 Datasheet HTML 14Page - Linear Technology LTM8062 Datasheet HTML 15Page - Linear Technology LTM8062 Datasheet HTML 16Page - Linear Technology LTM8062 Datasheet HTML 17Page - Linear Technology LTM8062 Datasheet HTML 18Page - Linear Technology LTM8062 Datasheet HTML 19Page - Linear Technology LTM8062 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTM8062
17
8062f
APPLICATIONS INFORMATION
80421 F08
μMODULE DEVICE
JUNCTION-TO-CASE (TOP)
RESISTANCE
JUNCTION-TO-BOARD RESISTANCE
JUNCTION-TO-AMBIENT RESISTANCE (JESD 51-9 DEFINED BOARD)
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
AMBIENT
CASE (BOTTOM)-TO-BOARD
RESISTANCE
Figure 8. Thermal Resistances Among μModule Device
Printed Circuit Board and Ambient Environment
TYPICAL APPLICATIONS
8062 TA02
LTM8062
GND
VINA
VIN
VINREG
RUN
TMR
NTC
VIN
9.5V TO 32VDC
BAT
BIAS
CHRG
FAULT
ADJ
4.7μF
549k
459k
2-CELL
LiFePO4
(2× 3.6V)
BATTERY
(OPTIONAL
ELECTROLYTIC
CAPACITOR)
+
8062 TA03
LTM8062
GND
VINA
VIN
VINREG
RUN
TMR
NTC
VIN
SOLAR
POWER UNIT
BAT
BIAS
CHRG
FAULT
ADJ
4.7μF
642k
412k
499k
100k
2-CELL
Li-ION
(2× 4.2V)
BATTERY
NTC
10k
B = 3380
(OPTIONAL
ELECTROLYTIC
CAPACITOR)
+
Basic 2A, 2-Cell LiFePO4 Battery Charger with C/10 Termination
2A Solar Panel Power Manager with 8.4V Lithium Ion Battery Pack and 16V Peak Power Tracking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com