Electronic Components Datasheet Search
  English  ▼

X  

LTM8062 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM8062
Description  32VIN, 2A 關Module Power Tracking Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8062 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM8062 Datasheet HTML 12Page - Linear Technology LTM8062 Datasheet HTML 13Page - Linear Technology LTM8062 Datasheet HTML 14Page - Linear Technology LTM8062 Datasheet HTML 15Page - Linear Technology LTM8062 Datasheet HTML 16Page - Linear Technology LTM8062 Datasheet HTML 17Page - Linear Technology LTM8062 Datasheet HTML 18Page - Linear Technology LTM8062 Datasheet HTML 19Page - Linear Technology LTM8062 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTM8062
16
8062f
APPLICATIONS INFORMATION
to add an electrolytic bulk capacitor to the VIN net. This
capacitor’s relatively high equivalent series resistance
damps the circuit and eliminates the voltage overshoot.
The extra capacitor improves low frequency ripple filter-
ing and can slightly improve the efficiency of the circuit,
though it is physically large.
Thermal Considerations
The thermal performance of the LTM8062 is given in the
Typical Performance Characteristics section. These curves
were generated by the LTM8062 mounted to a 58cm2
4-layer FR4 printed circuit board. Boards of other sizes
and layer count can exhibit different thermal behavior, so
it is incumbent upon the user to verify proper operation
over the intended system’s line, load and environmental
operating conditions.
For increased accuracy and fidelity to the actual application,
many designers use FEA to predict thermal performance.
To that end, the Pin Configuration section of the data sheet
typically gives four thermal coefficients:
1.
θJA: Thermal resistance from junction to ambient.
2.
θJCbottom: Thermal resistance from junction to the bot-
tom of the product case.
3.
θJCtop: Thermal resistance from junction to top of the
product case.
4.
θJB: Thermal resistance from junction to the printed
circuit board.
While the meaning of each of these coefficients may seem
to be intuitive, JEDEC has defined each to avoid confusion
and inconsistency. These definitions are given in JESD
51-12, and are quoted or paraphrased below:
1.
θJA is the natural convection junction-to-ambient air
thermal resistance measured in a one cubic foot sealed
enclosure. This environment is sometimes referred to as
“still air” although natural convection causes the air to
move. This value is determined with the part mounted to
a JESD 51-9 defined test board, which does not reflect
an actual application or viable operating condition.
2.
θJCbottom is the junction-to-board thermal resistance
with all of the component power dissipation flowing
through the bottom of the package. In the typical
μModule, the bulk of the heat flows out the bottom
of the package, but there is always heat flow out into
the ambient environment. As a result, this thermal re-
sistance value may be useful for comparing packages
but the test conditions don’t generally match the user’s
application.
3.
θJCtop is determined with nearly all of the component
power dissipation flowing through the top of the pack-
age. As the electrical connections of the typical μModule
are on the bottom of the package, it is rare for an ap-
plication to operate such that most of the heat flows
from the junction to the top of the part. As in the case
of
θJCbottom, this value may be useful for comparing
packages but the test conditions don’t generally match
the user’s application.
4.
θJB is the junction-to-board thermal resistance where
almost all of the heat flows through the bottom of the
μModule and into the board, and is really the sum of the
θJCbottomandthethermalresistanceofthebottomofthe
part through the solder joints and through a portion of
the board. The board temperature is measured a speci-
fied distance from the package, using a two sided, two
layer board. This board is described in JESD 51-9.
The most appropriate way to use the coefficients is when
running a detailed thermal analysis, such as FEA, which
considers all of the thermal resistances simultaneously.
None of them can be individually used to accurately pre-
dict the thermal performance of the product, so it would
be inappropriate to attempt to use any one coefficient to
correlate to the junction temperature versus load graphs
given in the LTM8033 data sheet.
A graphical representation of these thermal resistances
is given in Figure 8.
The blue resistances are contained within the μModule,
and the green are outside.
The die temperature of the LTM8062 must be lower than
the maximum rating of 125°C, so care should be taken in
the layout of the circuit to ensure good heat sinking of the
LTM8062. The bulk of the heat flow out of the LTM8062
is through the bottom of the module and the LGA pads
into the printed circuit board. Consequently a poor printed
circuit board design can cause excessive heating, result-
ing in impaired performance or reliability. Please refer to
the PCB Layout section for printed circuit board design
suggestions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com