Electronic Components Datasheet Search
  English  ▼

X  

FS714X Datasheet(PDF) 5 Page - ON Semiconductor

Part # FS714X
Description  Programmable Phase-Locked Loop Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS714X Datasheet(HTML) 5 Page - ON Semiconductor

  FS714X Datasheet HTML 1Page - ON Semiconductor FS714X Datasheet HTML 2Page - ON Semiconductor FS714X Datasheet HTML 3Page - ON Semiconductor FS714X Datasheet HTML 4Page - ON Semiconductor FS714X Datasheet HTML 5Page - ON Semiconductor FS714X Datasheet HTML 6Page - ON Semiconductor FS714X Datasheet HTML 7Page - ON Semiconductor FS714X Datasheet HTML 8Page - ON Semiconductor FS714X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
FS714x
When not using the REF input, it is preferred to leave it floating or connected to VDD.
4.1.6. Feedback Divider Source MUX
The source of frequency for the feedback divider may be selected to be either the output of the post divider or the output of the VCO by
the FBKDSRC bit.
Ordinarily, for frequency synthesis, the output of the VCO is used. Use the output of the post divider only where a deterministic phase
relationship between the output clock and reference clock are desired (line-locked mode, for example).
4.1.7. Device Shutdown
Two bits are provided to effect shutdown of the device if desired, when it is not active. SHUT1 disables most externally observable
device functions. SHUT2 reduces device quiescent current to absolute minimum values. Normally, both bits should be set or cleared
together.
Serial communications capability is not disabled by either SHUT1 or SHUT2.
4.2 Differential Output Stage
The differential output stage supports both CMOS and pseudo-ECL (PECL) signals. The desired output interface is chosen via the
programming registers.
If a PECL interface is used, the transmission line is usually terminated using a Thévenin termination. The output stage can only sink
current in the PECL mode, and the amount of sink current is set by a programming resistor on the LOCK/IPRG pin. The ratio of output
sink current to IPRG current is 13:1. Source current for the CLKx pins is provided by the pull-up resistors that are part of the Thévenin
termination.
4.2.1. Example
Assume that it is desired to connect a PECL-type fanout buffer right next to the FS7140.
Further assume:
• VDD = 3.3V
• Desired VHI = 2.4V
• Desired VLO = 1.6V
• Equivalent RLOAD = 75 ohms
Rev. 5 | Page 5 of 19 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com