Electronic Components Datasheet Search
  English  ▼

X  

FS714X Datasheet(PDF) 11 Page - ON Semiconductor

Part # FS714X
Description  Programmable Phase-Locked Loop Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS714X Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FS714X Datasheet HTML 7Page - ON Semiconductor FS714X Datasheet HTML 8Page - ON Semiconductor FS714X Datasheet HTML 9Page - ON Semiconductor FS714X Datasheet HTML 10Page - ON Semiconductor FS714X Datasheet HTML 11Page - ON Semiconductor FS714X Datasheet HTML 12Page - ON Semiconductor FS714X Datasheet HTML 13Page - ON Semiconductor FS714X Datasheet HTML 14Page - ON Semiconductor FS714X Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
FS714x
6.0 Programming Information
All register bits are cleared to zero on power-up. All register bits may be read back as written.
Table 3: FS7140 Register Map
Address
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Reserved
(Bit 63)
Reserved
(Bit 62)
Reserved
(Bit 61)
Reserved
(Bit 60)
Reserved
(Bit 59)
Reserved
(Bit 58)
Reserved
(Bit 57)
Reserved
(Bit 56)
Byte 7
Must be set to “0”
Must be set to “0”
Must be set to “0”
Must be set to “0”
Must be set to “0”
Must be set to “0”
Must be set to “0”
Must be set to “0”
Reserved
(Bit 55)
Reserved
(Bit 54)
SHUT2
(Bit 53)
Reserved
(Bit 52)
Reserved
(Bit 51)
Reserved
(Bit 50)
Reserved
(Bit 49)
Reserved
(Bit 48)
Byte 6
Must be set to “0”
Must be set to “0”
0 = Normal
1 = Powered down
Must be set to “0”
Must be set to “0”
Must be set to “0”
Must be set to “0”
Must be set to “0”
Reserved
(Bit 47)
LC
(Bit 46)
LR[1]
(Bit 45)
LR[0]
(Bit 44)
Reserved
(Bit 43)
Reserved
(Bit 42)
CP[1]
(Bit 41)
CP[0]
(Bit 40)
Byte 5
Must be set to “0”
Loop filter cap
select
Loop filter resistor select
Must be set to “0”
Must be set to “0”
Charge pump current select
CMOS
(Bit 39)
FBKDSRC
(Bit 38)
FBKDIV[13]
(Bit 37)
FBKDIV[12]
(Bit 36)
FBKDIV[11]
(Bit 35)
FBKDIV[10]
(Bit 34)
FBKDIV[9]
(Bit 33)
FBKDIV[8]
(Bit 32)
0 = PECL
1 = CMOS
0 = VCO output
1 = Post divider
output
8192
4096
2048
1024
512
256
Byte 4
See Section 4.1.2 for disallowed FBKDIV values
FBKDIV[7]
(Bit 31)
FBKDIV[6]
(Bit 30)
FBKDIV[5]
(Bit 29)
FBKDIV[4]
(Bit 28)
FBKDIV[3]
(Bit 27)
FBKDIV[2]
(Bit 26)
FBKDIV[1]
(Bit 25)
FBKDIV[0]
(Bit 24)
128
64
32
16
8
4
2
1
Byte 3
See Section 4.1.2 for disallowed FBKDIV values
POST2[3]
(Bit 23)
POST2[2]
(Bit 22)
POST2[1]
(Bit 21)
POST2[0]
(Bit 20)
POST1[3]
(Bit 19)
POST1[2]
(Bit 18)
POST1[1]
(Bit 17)
POST1[0]
(Bit 16)
Byte 2
Modulus = N +1 (N = 0 to 11); See Table 8
Modulus = N +1 (N = 0 to 11); See Table 8
POST3[1]
(Bit 15)
POST3[0]
(Bit 14)
SHUT1
(Bit 13)
REFDSRC
(Bit 12)
REFDIV[11]
(Bit 11)
REFDIV[10]
(Bit 10)
REFDIV[9]
(Bit 9)
REFDIV[8]
(Bit 8)
Byte 1
Modulus = 1,2,4, or 8; See Table 8
0 = Normal
1 = Powered down
0 = Crystal
oscillator
1 = REF pin
2048
1024
512
256
REFDIV[7]
(Bit 7)
REFDIV[6]
(Bit 6)
REFDIV[5]
(Bit 5)
REFDIV[4]
(Bit 4)
REFDIV[3]
(Bit 3)
REFDIV[2]
(Bit 2)
REFDIV[1]
(Bit 1)
REFDIV[0]
(Bit 0)
Byte 0
128
64
32
16
8
4
2
1
Rev. 5 | Page 11 of 19 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com