Electronic Components Datasheet Search
  English  ▼

X  

FS714X Datasheet(PDF) 2 Page - ON Semiconductor

Part # FS714X
Description  Programmable Phase-Locked Loop Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS714X Datasheet(HTML) 2 Page - ON Semiconductor

  FS714X Datasheet HTML 1Page - ON Semiconductor FS714X Datasheet HTML 2Page - ON Semiconductor FS714X Datasheet HTML 3Page - ON Semiconductor FS714X Datasheet HTML 4Page - ON Semiconductor FS714X Datasheet HTML 5Page - ON Semiconductor FS714X Datasheet HTML 6Page - ON Semiconductor FS714X Datasheet HTML 7Page - ON Semiconductor FS714X Datasheet HTML 8Page - ON Semiconductor FS714X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
FS714x
Figure 2: Device Block Diagram
Table 1: FS7140 Pin Descriptions
Pin
Type
Name
Description
1
DI
SCL
Serial interface clock (requires an external pull-up)
2
DIO
SDA
Serial interface data input/output (requires an external pull-up)
3
DID
ADDR0
Address select bit “0”
4
P
VSS
Ground
5
AI
XIN
Crystal oscillator feedback
6
AO
XOUT
Crystal oscillator drive
7
DID
ADDR1
Address select bit “1”
8
P
VDD
Power supply (+3.3V nominal)
9
AI
IPRG
PECL current drive programming
10
-
n/c
No connection
11
P
VSS
Ground
12
DI
U
REF
Reference frequency input
13
-
n/c
No connection
14
P
VDD
Power supply (+3.3V nominal)
15
DO
CLKP
Clock output
16
DO
CLKN
Inverted clock output
Key: AI: Analog Input; AO = Analog Output; DI = Digital Input; DI
U = Input with Internal Pull-up; DID = Input with Internal Pull-down; DIO = Digital Input/Output;
DI-3 = Three-Level Digital Input; DO = Digital Output; P = Power/Ground; # = Active Low Pin
Rev. 5 | Page 2 of 19 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com